Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 122 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 118Page - STMicroelectronics RM0319 Datasheet HTML 119Page - STMicroelectronics RM0319 Datasheet HTML 120Page - STMicroelectronics RM0319 Datasheet HTML 121Page - STMicroelectronics RM0319 Datasheet HTML 122Page - STMicroelectronics RM0319 Datasheet HTML 123Page - STMicroelectronics RM0319 Datasheet HTML 124Page - STMicroelectronics RM0319 Datasheet HTML 125Page - STMicroelectronics RM0319 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 368 page
background image
USB 2.0 Device ports (UDC)
RM0319
122/368
Doc ID 022640 Rev 3
11.3.5
Endpoints
11.3.6
Endpoint FIFO controller (Transmit FIFO controller)
An endpoint FIFO controller block manages the FIFO of a specific in endpoint (dedicated to
transactions to the USB Host) supported by the UDC-AHB subsystem. In particular, each in
endpoint is associated to a Transmit FIFO (TxFIFO) which is mapped in external RAM, and
each TxFIFO is in charge of an endpoint FIFO controller.
Each endpoint FIFO controller maintains the write and read pointers to access the memory
where relevant TxFIFO is located. Besides, these controllers need both the base address
and the buffer size of each endpoint TxFIFO to implement adaptive buffer management.
This feature allows to tailor the size of each TxFIFO depending on specific buffering
requirements.
In particular, the base address of each TxFIFO results from the upper limit of the previous
TxFIFO which, in turn, depends on the buffer size set by the CSRs for this endpoint
(Endpoint buffer size and received packet frame number register). That is, the base address
of the TxFIFO associated to nth in endoint added to the size of the TxFIFO of the same nth in
endpoint represents the base address for the TxFIFO associated to the (n+1)th in endpoint.
Note:
Any attempt to read from TxFIFO via the AHB interface results in an AHB error.
Like receive FIFO controller, the transmit endpoint FIFO controller also requires a
confirmation signal indicating a successful transfer to TxFIFO. This confirmation signal
allows the controller to export the FIFO pointers to other domains.
11.3.7
Control and status registers
The control and status registers (CSRs) allow to exchange control information with the
application, as well as provide a means for the application to control the UDC-AHB
subsystem.
11.3.8
AHB slave-only interface
The AHB slave-only interface block is active only when the UDC-AHB subsystem is
configured as a slave on the AHB.
Table 36.
Endpoints assignment
Endpoint number
Endpoint direction
Transfer type
0
IN/OUT
Control.
1-3-5-7-9-11-13-15
IN
Software configurable to:
Bulk
Interrupt
Isochronous.
2-4-6-8-10-12-14
OUT
Software configurable to:
Bulk
Interrupt
Isochronous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com