Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 120 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 116Page - STMicroelectronics RM0319 Datasheet HTML 117Page - STMicroelectronics RM0319 Datasheet HTML 118Page - STMicroelectronics RM0319 Datasheet HTML 119Page - STMicroelectronics RM0319 Datasheet HTML 120Page - STMicroelectronics RM0319 Datasheet HTML 121Page - STMicroelectronics RM0319 Datasheet HTML 122Page - STMicroelectronics RM0319 Datasheet HTML 123Page - STMicroelectronics RM0319 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 368 page
background image
USB 2.0 Device ports (UDC)
RM0319
120/368
Doc ID 022640 Rev 3
11.3.3
SOF tracker
The USB Host sends start-of-frame (SOF) packets to USB 2.0 device every 1 ms for full-
speed (FS) operation, and every 125 µs for high-speed (HS) operation. Each SOF token
represents the start of every frame (for FS) or micro-frame (for HS) respectively, in case of
isochronous (ISO) data synchronization.
The start-of-frame (SOF) tracker block within the UDC-AHB subsystem is intended to track
any incoming SOF packets from the USB Host. With this aim, the SOF tracker runs internal
frame counters according to the operation rate (that is, 1 ms for FS and 125 µs for HS).
When a SOF packet is received from the USB Host, the UDC gets the 11 bit frame number
from the packet, and gives it to the back end within a single clock pulse, indicating the
reception of a SOF token.
In contrast, if a missing SOF packet is detected, the SOF tracker generates an event that is
used by the ISO in FIFOs to clear residual data from the previous frame, whereas UDC-AHB
subsystem moves to the next frame to provide synchronization.
In order to provide backward-compatibility with the FS 1 ms frame of USB 1.1, in HS mode
the frame number is incremented by UDC once every eight 125 µs micro-frames only. As a
consequence, the SOF tracker module generates the correct 14 bit micro-frame number by
adding a 3 bit micro-frame counter (operated by the SOF tracker itself) to the 11 bit frame
number provided by the UDC.
11.3.4
Receive FIFO controller
All out endpoints (dedicated to transactions coming from the USB Host) share a common
receive FIFO (RxFIFO), which is managed by multiple receive FIFO controller. In particular,
the RxFIFO provides the UTLI with enough space to either accept the incoming packet from
the USB Host or send a NYET (UDC20 only) or a NAK handshake packet.
In particular, the RxFIFO consists of two individual FIFOs, one for the data and one for the
addresses. As depicted in Figure 35, the data FIFO is implemented as RAM, whereas the
address FIFO is implemented using registers. Each 32 bit wide entry in the address FIFO
corresponds to a received out packet, and it is associated to both the destination endpoint
number and a flag to distinguish regular data from the 8 bytes of SETUP data.
Note:
The total data FIFO size is 4KB. Out of the 37-bit wide data 32 bits are OUT/IN data and the
remaining 5 bits are status information. The maximum depth of the address RxFIFO is 4,
hence at a given time a maximum of 4 OUT packets can be accommodated simultaneously.
The depth of the data RXFIFO is limited to 2KB. So during simultaneous storing of 4 OUT
packets, each packet can not be more than 512 bytes. But if OUT packets are 1024 bytes in
size (maximum size) then only two OUT packets can be accommodated. Hence number of
OUT packets that can be accommodated is limited by the size of the OUT packets. The rest
of the data FIFO, for instance 2 KB (out of total of 4KB data FIFO) is used for TxFIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com