Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 117 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 113Page - STMicroelectronics RM0319 Datasheet HTML 114Page - STMicroelectronics RM0319 Datasheet HTML 115Page - STMicroelectronics RM0319 Datasheet HTML 116Page - STMicroelectronics RM0319 Datasheet HTML 117Page - STMicroelectronics RM0319 Datasheet HTML 118Page - STMicroelectronics RM0319 Datasheet HTML 119Page - STMicroelectronics RM0319 Datasheet HTML 120Page - STMicroelectronics RM0319 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
117/368
11
USB 2.0 Device ports (UDC)
This chapter focuses on USB Device functionality and operation.
For technical details about the programmable registers related to the USB Device, refer to
the USB Device registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
11.1
Overview
In addition to single independent USB 2.0 Hosts, SPEAr320S provides a USB 2.0 Device
which is fully compliant with the Universal Serial Bus Specification (version 2.0), offering an
interface to the industry-standard AHB bus.
11.2
Main features
●
A PHY interface implementing a USB 2.0 transceiver macrocell interface (UTMI) fully
compliant with UTMI specification (version 1.05), to execute serialization and
deserialization of transmissions over the USB line.
●
Unidirectional/bidirectional 8-/16 bit UTMI data bus interfaces are supported.
●
A USB plug detect (UPD) which detects the connection of a device (detailed in
Section 11.4.7).
●
A USB Device controller (UDC) which is connected to the AHB bus and generates the
commands for the UTMI PHY. Hereafter the UDC along with AHB interface is referred
to UDC-AHB subsystem.
●
The UDC-AHB supports the 480 Mbps high-speed (HS) for USB 2.0, as well as the 12
Mbps full-speed (FS) for USB 1.1.
●
The UDC-AHB supports 16 physical endpoints (listed in Table 36), and proper
configurations to achieve logical endpoints.
●
Both DMA mode and slave-only mode supported (detailed in Section 11.4).
●
In DMA mode, the UDC-AHB supports descriptor-based memory structures in
application memory.
●
In both modes, an AHB slave is provided by UDC-AHB, acting as programming
interface to access to memory-mapped control and status registers (CSRs).
●
An AHB master for data transfer to system memory, supporting 8, 16, and 32 bit wide
data transactions on the AHB bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com