Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 121 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 117Page - STMicroelectronics RM0319 Datasheet HTML 118Page - STMicroelectronics RM0319 Datasheet HTML 119Page - STMicroelectronics RM0319 Datasheet HTML 120Page - STMicroelectronics RM0319 Datasheet HTML 121Page - STMicroelectronics RM0319 Datasheet HTML 122Page - STMicroelectronics RM0319 Datasheet HTML 123Page - STMicroelectronics RM0319 Datasheet HTML 124Page - STMicroelectronics RM0319 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
121/368
Figure 35.
RxFIFO implementation
Upon receiving an out packet, UTLI strobes this data into the data FIFO (37 bit wide), and
the UDC sends a status bit indicating whether or not the data was received without errors. If
data reception was error-free, the UTLI confirms the data in the RxFIFO by writing the
relevant endpoint number and associated flag into the address FIFO. In contrast, if data was
received with errors, the receive FIFO controller rolls back the data FIFO pointers as if
nothing had been received.
Then, when an external AHB master tries to access the packet received for a particular out
endpoint, at first it must read the relevant endpoint status register to determine the number
of bytes to be transferred, before to start the appropriate AHB transfers with an appropriate
HSIZE (for instance, 32, 16 or 8).
Note:
Any attempt to write the RxFIFO via the AHB interface results in an AHB error.
The RxFIFO also requires a confirming signal when a packet is written to or read from it.
This confirmation is used by the receive FIFO controller to propagate pointer information
from one domain to another and to calculate different RxFIFO status signals.
Address
Data
32 bits wide
37 bits wide
Addrss FIFO
(Implemented in Regiters)
Data FIFO
(Implemented in RAM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com