Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 119 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 115Page - STMicroelectronics RM0319 Datasheet HTML 116Page - STMicroelectronics RM0319 Datasheet HTML 117Page - STMicroelectronics RM0319 Datasheet HTML 118Page - STMicroelectronics RM0319 Datasheet HTML 119Page - STMicroelectronics RM0319 Datasheet HTML 120Page - STMicroelectronics RM0319 Datasheet HTML 121Page - STMicroelectronics RM0319 Datasheet HTML 122Page - STMicroelectronics RM0319 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
119/368
11.3.1
USB transaction layer interface (UTLI)
The USB transaction layer interface (UTLI) of the UDC-AHB subsystem interfaces with the
UDC and the FIFOs to handle data reception/transmission with a USB Host.
The main tasks of UTLI are:
Interfaces to the UDC,
Interfaces to endpoint-specific TxFIFOs (Section 11.3.6: Endpoint FIFO controller
(Transmit FIFO controller)) when transmitting data in response to in requests from USB
Host,
Interfaces to the common RxFIFO (Section 11.3.4: Receive FIFO controller) when
receiving out data from the USB Host,
Works with the CSRs block (Section 11.3.7: Control and status registers) to maintain
correct status and control,
Works with the interrupt manager block (Section 11.3.2: Interrupt manager) to generate
proper interrupts to the application,
Interfaces to the SOF tracker (Section 11.3.3: SOF tracker) to ensure that isochronous
data is transmitted in intended frame.
In particular, during data reception from a USB Host (that is, an out transaction), the UTLI
directly read incoming data from the UDC and writes them to the receive FIFO
(Section 11.3.4: Receive FIFO controller). Besides, for data transmission to a USB Host
(that is, an in transaction), the UTLI reads data to be transmitted from relevant endpoint
FIFO (Section 11.3.6: Endpoint FIFO controller (Transmit FIFO controller)) and provides
them to UDC.
11.3.2
Interrupt manager
The interrupt manager block controls the generation of interrupts to the application. In
particular, exchanging information with the UTLI, an interrupt is issued by the interrupt
manager when any of the following device-level events occurs:
Reception of a SOF token from the USB Host,
Detection of a USB suspend,
Detection of a USB reset,
Completion of speed enumeration,
Reception of a Set Interface command (defined in USB specification),
Reception of a Set Configuration command (defined in USB specification).
In addition, the interrupt manager also triggers an interrupt when any of the following
endpoint-specific events occurs:
Reception of a request for in data,
Reception of an out data packet,
Reception of 8 bytes of SETUP data packet,
An application error resulting in an AHB error response.
The interrupt manager block maintains the device interrupt register and the device interrupt
mask register, which are mapped into the address space of the global control and status
registers (CSRs, Section 11.3.7: Control and status registers).
Interrupt (IRQ24) issued will be the OR of all active events defined above, plus the plug
detect interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com