Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 115 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 111Page - STMicroelectronics RM0319 Datasheet HTML 112Page - STMicroelectronics RM0319 Datasheet HTML 113Page - STMicroelectronics RM0319 Datasheet HTML 114Page - STMicroelectronics RM0319 Datasheet HTML 115Page - STMicroelectronics RM0319 Datasheet HTML 116Page - STMicroelectronics RM0319 Datasheet HTML 117Page - STMicroelectronics RM0319 Datasheet HTML 118Page - STMicroelectronics RM0319 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 368 page
background image
RM0319
USB 2.0 Host ports (UHC)
Doc ID 022640 Rev 3
115/368
clock from either high-speed data or low-speed data indicated by SIE_Switch HCLK input
from SIETx State Machine.
HSIE functionality
The functionality of the Host Serial Interface Engine (HSIE) is to receive and transmit the
USB data over D+ and D- lines in accordance with the USB protocol. During the reception of
USB data, the D+ and D- signals are passed through the differential receiver (which is
external to the UHOSTC controller) to get a single ended bit stream that is passed through
the PLL Block to extract the clock and data information. The Clock and data are passed to
the SIE Block to identify the Sync Pattern and for NRZI-NRZ conversion. This NRZ data is
then passed through the Bit Stripper which strips off the excessive zeros inserted, The data
stream is initially passed through the PID Decode and checker to identify different PIDs.
Depending upon the type of PID, the HSIE block handles the protocol accordingly.
RootHub port configuration
The port configuration block implements part of the RootHub logic. This block is separated
from the main RootHub block to distinguish the logic that varies with design requirements. In
short, this block implements part of the OHCI registers that are specific to RootHub and a
state machine for every DownStreamPort to control the port functional states.
This block has the following submodules:
RootHub port registers
Port S/M
Port receive
Port resume
Port MUX
10.4
Interrupts
EHCI block generates one interrupt when the following conditions are occurred:
Interrupt on Async Address
Host System Error
Frame List Rollover
Port Change
USB Error
USB Interrupt
This interrupt is generated only when the corresponding bits of USBINTR register are
enabled. This interrupt is connected to IRQ26 of the CPU (Table 125: Interrupt requests).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com