Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 112 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 108Page - STMicroelectronics RM0319 Datasheet HTML 109Page - STMicroelectronics RM0319 Datasheet HTML 110Page - STMicroelectronics RM0319 Datasheet HTML 111Page - STMicroelectronics RM0319 Datasheet HTML 112Page - STMicroelectronics RM0319 Datasheet HTML 113Page - STMicroelectronics RM0319 Datasheet HTML 114Page - STMicroelectronics RM0319 Datasheet HTML 115Page - STMicroelectronics RM0319 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 368 page
background image
USB 2.0 Host ports (UHC)
RM0319
112/368
Doc ID 022640 Rev 3
List processor
The List Processor is the main block of the EHCI Host Controller. The List Processor is
implemented with multiple state machines to perform the list service flow, which is set up by
the Host Controller Driver (HCD) according to the priority set in the Operational registers
Section : Operational registers
In addition, the List Processor consists of a controller that interfaces with all the other EHCI
Host Controller blocks, such as the AHB BIU (Master module), the Packet Buffer, the EHCI
Operational registers, the SOF Generators and the Root Hub.
Operational registers
This block exposes the implemented EHCI Capability and Operational registers as defined
in the USB EHCI specification. In addition, certain IP-specific extended registers are also
implemented, in order to configure features like Packet Buffer depth, break memory transfer,
frame length.
The Operational registers block interfaces with the AHB BIU (Slave module), the List
Processor and the Root Hub.
Start-Of-Frame (SOF) generator
The SOF Generator block implements the counter which generates the Start-Of-Frame
(SOF) packets to supply micro-SOFs for each microframe. The SOF counter runs in the
PHY clock domain.
Microframe duration is derived from the EHCI Frame Length Adjustment (FLADJ) register
value. This ensures that the Host microframe duration and per-port microframe duration
remain the same.
This block interfaces with the List Processor only.
Packet buffer
The Packet Buffer (PBUF) block provides storage and control for IN/OUT data transaction,
with a configured size of 1024 bytes (256 x 32 = 1024 bytes).
According to its functionality, the PBUF block interface with both the List Processor and the
Root Hub. Specifically, during an OUT transaction, the List Processor fetches data from the
system memory and writes them in the PBUF. Besides, during an IN transaction, the data
are written to PBUF by the Root Hub Section : Root hub.
The Packet Buffer size depends on the system latency and bandwidth allocated to the EHCI
Host Controller. For example, in case PBUF size is programmed to 64 bytes, a 1024-bytes
IN transfer would get 1024/64 = 16 data transfer on the AHB bus. If the system is not able to
ensure EHCI access to AHB bus for these 16 transfers with no breaks, then a buffer overrun
occurs. In this case, to avoid buffer overrun or under-run, PBUF size could be set to 1024
bytes.
Root hub
The Root Hub (RH) block interfaces between the List Processor and the USB PHY. It
propagates reset and resume signals to downstream ports, and handles port connections
and disconnections.
The RH operates both on the local PHY clock (a free-running 30/60 MHz clock) and on the
clock source from each physical port (30 MHz with a 16 bit interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com