Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 110 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 106Page - STMicroelectronics RM0319 Datasheet HTML 107Page - STMicroelectronics RM0319 Datasheet HTML 108Page - STMicroelectronics RM0319 Datasheet HTML 109Page - STMicroelectronics RM0319 Datasheet HTML 110Page - STMicroelectronics RM0319 Datasheet HTML 111Page - STMicroelectronics RM0319 Datasheet HTML 112Page - STMicroelectronics RM0319 Datasheet HTML 113Page - STMicroelectronics RM0319 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 368 page
background image
USB 2.0 Host ports (UHC)
RM0319
110/368
Doc ID 022640 Rev 3
10
USB 2.0 Host ports (UHC)
This chapter focuses on USB Host functionality and operation.
For technical details about the programmable registers related to the USB Host, refer to the
USB Host registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
10.1
Overview
SPEAr320S provides a USB 2.0 Host with 2 physical ports which are fully compliant with the
Universal Serial Bus specification (version 2.0), offering an interface to the industry-
standard AHB bus.
10.2
Main features
●
A PHY interface implementing a USB 2.0 Transceiver Macro-cell Interface plus
(UTMI+) fully compliant with UTMI+ specification (revision 1.0), to execute serialization
and de-serialization of transmissions over the USB line.
●
Either 30 MHz clock for 16-bit interface or 60 MHz for 8-bit interface are supported by
the UTMI+ PHY interface.
●
A USB 2.0 Host Controller (UHC) which is connected to the AHB bus and generates
the commands for the UTMI+ PHY.
●
The UHC complies with both the Enhanced Host Controller Interface (EHCI)
specification (version 1.0) and the Open Host Controller Interface (OHCI) specification
(version 1.0a).
●
The UHC supports the 480 Mbps high-speed (HS) for USB 2.0 through an embedded
EHCI Host Controller, The EHCI controller is able to sustain HS communications over
the 2 ports in parallel.
●
The UHC supports the 12 Mbps full-speed (FS) and the 1.5 Mbps low-speed (LS) for
USB 1.1 through two integrated OHCI Host Controllers.
●
All clock synchronization is handled within the UHC.
●
An AHB slave for each controller (1 EHCI and 2 OHCI), acting as programming
interface to access to control and status registers.
●
An AHB master for each controller (1 EHCI and 2 OHCI) for data transfer to system
memory, supporting 8, 16, and 32 bit wide data transactions on the AHB bus.
●
32-bit AHB bus addressing
The Host controller is capable of managing two different devices at a time (each one in
EHCI or OHCI mode) over the two PHY interfaces.
The Host subsystem can manage an external power switch, providing a control line to
enable or disable the power, and an input line to sense any over-current condition detected
by the external switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com