Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 111 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 107Page - STMicroelectronics RM0319 Datasheet HTML 108Page - STMicroelectronics RM0319 Datasheet HTML 109Page - STMicroelectronics RM0319 Datasheet HTML 110Page - STMicroelectronics RM0319 Datasheet HTML 111Page - STMicroelectronics RM0319 Datasheet HTML 112Page - STMicroelectronics RM0319 Datasheet HTML 113Page - STMicroelectronics RM0319 Datasheet HTML 114Page - STMicroelectronics RM0319 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 368 page
background image
RM0319
USB 2.0 Host ports (UHC)
Doc ID 022640 Rev 3
111/368
10.3
Functional description
Figure 31.
UHC block diagram.
10.3.1
AHB bus interface unit (BIU)
USB 2.0 Host access to the AHB bus is granted by the AHB Bus Interface Unit (BIU), which
consists of a master module and a slave module.
The AHB BIU Slave module acts a slave on the AHB and responds to all EHCI/OHCI
operational registers (see Operational registers on page 112) accesses from an AHB
master. In particular, this module allows RW access to its operational registers through the
AHB bus.
Note:
There is only a single AHB slave port in AHB BIU Slave module for both EHCI and OHCI
host controller registers access.
The AHB BIU Master module, acting as a master on the AHB, receives requests from the
List Processor block (see List processor on page 112) within the EHCI Host Controller, and
transfers data with system memory through the AHB bus. The AHB BIU Master supports 8-,
16-, and 32 bit data transfers, and 32 bit address transfers.
10.3.2
EHCI host controller
An EHCI Host Controller compliant with the EHCI specification (version 1.0) is embedded
within the UHC to support the 480 Mbps high-speed (HS) transaction of USB 2.0. HS
devices connected to the two downstream ports.
The main blocks of the EHCI host controller are described below.
EHCI
OHCI
OHCI
SOF
Generator
EHCI
Operation
List
Processor
Packet Buffer
Port0
Port1
USB2.0 EHCI Controller
USB1.1 OHCI
Controller
USB1.1 OHCI
Controller
UHC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com