Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 113 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 109Page - STMicroelectronics RM0319 Datasheet HTML 110Page - STMicroelectronics RM0319 Datasheet HTML 111Page - STMicroelectronics RM0319 Datasheet HTML 112Page - STMicroelectronics RM0319 Datasheet HTML 113Page - STMicroelectronics RM0319 Datasheet HTML 114Page - STMicroelectronics RM0319 Datasheet HTML 115Page - STMicroelectronics RM0319 Datasheet HTML 116Page - STMicroelectronics RM0319 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 368 page
background image
RM0319
USB 2.0 Host ports (UHC)
Doc ID 022640 Rev 3
113/368
10.3.3
OHCI host controller
Two OHCI Host Controllers compliant with the OHCI specification (version 1.0a) are also
integrated in the UHC to support the 12 Mbps full-speed (FS) and the 1.5 Mbps low-speed
(LS) operation of USB 1.1. FS/LS device connected to port0 is managed by OHCI0 and
port1 is managed by OHCI1.
The USB Open Host Controller is designed to be independent of the Bus Interface Unit
(BIU) as in Figure 32. The host bus is assumed to be at least 32 bits wide with adequate
performance to support the data rate of the particular implementation (100Mbit/sec or
higher plus overhead for DMA structures) as well as bounded latency so that the FIFO’s can
have a reasonable size.
The main blocks of the OHCI host controller are described below.
Figure 32.
USB Host controller (UHOSTC) block diagram
HCI master block
The HCI master block is the interface between HCI master interface logic block and the HCI
bus. It converts all the cycles initiated by different blocks of the list processor through HCI
master inteface logic block into HCI bus cycles according to the protocol defined for HCI
bus. In addition to that it implements a state machine to read/ write from/to DFIFO. When it
is transferring the data returned by endpoint, it reads the data from DFIFO and merges into
DWORD and then send it to the application’s internal FIFO. Similarly when reading the
APB_SADR(6)
APB_SData(32)
HCI_Data(32)
Control
APP_MData(32)
HCM_ADR/
Data(32)
Control
Ext.FIFO Status
HCI
Slave
block
HCI
Master
block
OHCI
Regs
-
-
-
-
-
-
-
-
-
-
-
-
Ctrl
Ctrl
ED/TD_Data(32)
ED/TD_Status(32)
HC_Data(8)
DF_Data(8)
RCFG_RegData(32)
Ctrl
Ctrl
Ctrl
DF_Data(8)
RH_Data(8)
USB
State
Control
List
Processor
Block
ED &TD
Regs
64 x 8
FIFO
Ctrl
FIFO
64 x 8
Cntl
Status
Root Hub
&
Host SIE
Clock
MUX
12/1_5
HSIE
S/M
DPLL
TxEnL
TxDpls
TxDmns
RcvData
RcvDpls
RcvDmns
Root
Hub
Config
Block
OHCI
Regs
Port
S/M
Port
S/M
Port
S/M
X
V
R
X
V
R
X
V
R
1
2
15
USB
USB
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com