Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 109 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 105Page - STMicroelectronics RM0319 Datasheet HTML 106Page - STMicroelectronics RM0319 Datasheet HTML 107Page - STMicroelectronics RM0319 Datasheet HTML 108Page - STMicroelectronics RM0319 Datasheet HTML 109Page - STMicroelectronics RM0319 Datasheet HTML 110Page - STMicroelectronics RM0319 Datasheet HTML 111Page - STMicroelectronics RM0319 Datasheet HTML 112Page - STMicroelectronics RM0319 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 368 page
background image
RM0319
External memory interface (EMI)
Doc ID 022640 Rev 3
109/368
Control Register (control_0_reg, as it is connected to CS0) contents would be: 0x1
(Bit [1:0] = 01 indicates 16 bit, Bit 2 = 0 indicates that unequal bus size access is not
supported, Bit 3 = 0 indicates that the data available on the lower byte of peripheral bus.)
No Acknowledgement, so Ack_reg content would be: 0x1.
(As it is connected to CS0, Bit 0 of Ack_reg should be 1 indicating ACK behavior not used.)
Timing registers to be programmed are tSCS_0_reg, tSE_0_reg, tENw_0_reg, tENr_0_reg
and tDCS_0_reg. The timing mentioned in these registers should be expressed in number
of AHB cycles.
As a 16 bit peripheral is connected, only 16 bit accesses are supported from AHB. If not so,
an AHB Error is indicated. An interrupt is also raised.
Example 2: An 8-bit peripheral following byte lane procedure during read and write is
connected on CS3.
Control Register: control_3_reg = 0x0C.
(Bit [1:0] = 00 indicates 8 bits, Bit 2 = 1 indicates byte lane procedure used, Bit 3 = 1
indicates data available in corresponding lanes and Bit 4 = 0 indicates little endian data.
Ack_Reg: 0x0. Bit 3= 0 indicating ACK behaviour is used.
Timeout_reg = 0xABC. As ACK behavior is used, the timeout register should be
programmed accordingly. Here a random value is given as an example. It should be
replaced with an appropriate value. The default value is 0xFF. If timeout occurs, an AHB
error and its associated interrupt are generated.
The timing registers to be programmed are tSCS_3_reg, tSE_3_reg, tENw_3_reg,
tENr_3_reg and tDCS_3_reg. The timing mentioned in these registers should be expressed
in number of AHB cycles.
As 8-bit peripheral is connected, only 8-bit accesses are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com