Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 114 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 110Page - STMicroelectronics RM0319 Datasheet HTML 111Page - STMicroelectronics RM0319 Datasheet HTML 112Page - STMicroelectronics RM0319 Datasheet HTML 113Page - STMicroelectronics RM0319 Datasheet HTML 114Page - STMicroelectronics RM0319 Datasheet HTML 115Page - STMicroelectronics RM0319 Datasheet HTML 116Page - STMicroelectronics RM0319 Datasheet HTML 117Page - STMicroelectronics RM0319 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 368 page
background image
USB 2.0 Host ports (UHC)
RM0319
114/368
Doc ID 022640 Rev 3
endpoint data from the system memory, after reading every DWORD from the application’s
FIFO it splits the DWORD into 4 individual bytes and then sends it to the DFIFO. It also
implements byte-alignment logic, that is when a write cycle is initiated by FML block at the
odd boundary (not the DWORD boundary), it reads only the lower 2 bit of the address (ties
them to 0), so that the application always writes at DWORD boundary, and manipulates the
byte-enables accordingly.
HCI slave block
The HCI slave block is the slave on HCI bus. This is basically an interface between OHCI
operational register internal to the Host Controller and the application. It updates the
registers on writes and provides the register data on reads. All the slave accesses should be
DWORD aligned. Therefore, byte enables are not used in slave accesses.
List processor block
The list processor block acts as a main controller of the entire controller. It has multiple state
machines to implement List Service Flow, List Priority, USB-States, ED, TD Service,
StatusWriteBack, TD Retirement, and so on as per the OHCI specification. Additionally, this
block implements a controller which interfaces with HCI_master and hsie, helping them in
the data transfer from system memory to USB and USB to system memory.
The following submodules are included:
●
USB states
●
List service flow
●
ED-TD block
●
HCI master interface logic
●
Data read write logic
RootHub and HSIE blocks
Since implementation varies, most of the functionality of the RootHub is implemented in the
Port Configuration Block. This logic is common to any user configuration. The logic in this
block acts as a wrapper around HSIE and interface with Host Controller’s List Processor,
FIFO and OHCI registers. This block also implements the control logic to synchronize the
interface between HSIE and port S/M.
This block implements the following submodules:
●
Reset_Resume
●
DPLL
●
HSIE
Digital PLL block (DPLL)
The function of the DPLL Block is to extract the clock and data information from the USB
Data received from the different transceiver. The Digital PLL runs on a 48 MHz user-
provided clock to extract the clock information from the USB for both Full-Speed and Low-
speed data. The two signals D+ and D- of the USB lines are passed through a differential
receiver (external to the UHOSTC controller) and a NRZI formatted data is obtained from
the output of the differential receivers. The output of the differential receiver is then used by
the Digital PLL to extract clock information. The PLL Block also has a SE0 Detect Logic to
detect the Single Ended Zero (SE0) in the data stream. The circuit in this module extracts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com