Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 123 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 119Page - STMicroelectronics RM0319 Datasheet HTML 120Page - STMicroelectronics RM0319 Datasheet HTML 121Page - STMicroelectronics RM0319 Datasheet HTML 122Page - STMicroelectronics RM0319 Datasheet HTML 123Page - STMicroelectronics RM0319 Datasheet HTML 124Page - STMicroelectronics RM0319 Datasheet HTML 125Page - STMicroelectronics RM0319 Datasheet HTML 126Page - STMicroelectronics RM0319 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
123/368
In this scenario, all endpoint TxFIFOs are mapped to the system memory, and the
application writes the data directly to the endpoint TxFIFOs. Similarly, the RxFIFO is also
mapped to the system memory, and the application reads directly from the RxFIFO.
11.3.9
DMA (AHB master interface)
Enabling the UDC-AHB Subsystem to become an AHB master (that is, entering the DMA
mode, Section 11.4.1: DMA mode), the DMA block receives the required data pointers from
the values programmed in the CSRs (Section 11.3.7: Control and status registers), and it
can transfer data with the system memory.
In particular, the DMA supports a true scatter/gather memory distribution, where each
endpoint memory structure is implemented as a linked-list (as detailed in Section 11.4.1:
DMA mode).
The DMA block (which is inactive in slave-only mode) consists of three basic components:
The DMA transfer engine, which moves the actual data,
The DMA controller, which controls the movement of the data,
The AHB interface, which manages the flow of data between the DMA and AHB for
both data transfer and CSRs accesses.
11.3.10
DMA transfer engine
The DMA transfer engine is a slave to the DMA by the DMA controller for the actual data
transfer to and from system memory.
In case of a memory access, the DMA transfer engine interfaces with the FIFOs and the
AHB interface module of DMA, and indicates to the DMA whether or not the transfer was
successful. If the data transfer was unsuccessful, the DMA transfer engine also indicates
how many bytes were successfully transferred to the destination, so that the DMA can
decide whether to retry the transaction.
In case of data transfer from the FIFOs to system memory, the DMA transfer engine
depends on status signals from the FIFOs’ respective FIFO controllers. In case of
transferring the data to system memory, the DMA transfer engine registers the data, then
waits for the request from the DMA controller and decides on the direction of the transfer. It
completes the transfer whether the transaction is completed successfully or if there is an
error during the data transfer.
11.3.11
DMA controller
The DMA controller is in charge of all data exchange between FIFOs and system memory.
Specifically, the DMA controller actually consists of two distinct controllers with the aim to
manage both in (transmit) and out (receive) transactions simultaneously, although transmit
and receive functions cannot be performed simultaneously.
From a functional perspective, the DMA controller parses the descriptor structures and then
commands the other subsystem blocks to perform data transfers accordingly. The
descriptors fetched from memory are stored by the DMA controller in a proper descriptors
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com