Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 149 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 145Page - STMicroelectronics RM0319 Datasheet HTML 146Page - STMicroelectronics RM0319 Datasheet HTML 147Page - STMicroelectronics RM0319 Datasheet HTML 148Page - STMicroelectronics RM0319 Datasheet HTML 149Page - STMicroelectronics RM0319 Datasheet HTML 150Page - STMicroelectronics RM0319 Datasheet HTML 151Page - STMicroelectronics RM0319 Datasheet HTML 152Page - STMicroelectronics RM0319 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 368 page
background image
RM0319
Fast Ethernet port (MII0)
Doc ID 022640 Rev 3
149/368
Receive descriptors
There are four different receive descriptors:
●
Receive descriptor 0, RDES0 (Table 48): it contains the status of the received frame,
the frame length and the descriptor ownership information.
●
Receive descriptor 1, RDES1 (Table 49): it contains the data buffer sizes and other bits
which controls the descriptor structure (chain/ring).
●
Receive descriptor 2, RDES2 (Table 50): it contains the address pointer to the first data
buffer in the descriptor.
●
Receive descriptor 3, RDES3 (Table 51): it contains the address pointer to the second
data buffer in the descriptor or the next descriptor (in case of chained structure).
Figure 47.
DMA descriptor format (Receive Descriptor, 32 bit)
Table 48.
Receive descriptor 0 (RDES0)
Bit
Name
Description
[31]
OWN
Own Bit. If set, it indicates that the descriptor is owned by the DMA of MAC.
If cleared, the descriptor is owned by the host.
[30]
AFM
Destination Address Filter Fail. If set, it indicates a frame that failed in the
DA filter in the MAC core.
[29:16]
FL
Frame Length. These 14 bit field reports the byte length of the received
frame (including CRC and the 2 bytes appended to the frame when IP
checksum calculation is enabled and the received frame is not a MAC control
frame).
[15]
ES
Error Summary. It is the logical OR of the following bits of this descriptor: [1],
[3], [4], [6], [10], [11] and [14].
[14]
DE
Descriptor Error. If set, it indicates a frame truncation caused by a frame
that does not fit within the current descriptor buffers, and that the DMA does
not own the next descriptor.
[13]
SAF
Source Address Filter Fail. If set, it indicates a frame that failed in the SA
filter in the MAC core.
[12]
LE
Length Error. If set, it states that the actual length of the frame received and
that the length/type field does not match.
O
W
N
RDES0
RDES1
RDES2
RDES3
Status [30:0]
Reserved
[31:29]
Buffer 2 Byte Count
[28:16]
Reserved
Buffer 1 Byte Count
[12:0]
Buffer 1 Address [31:0]
Buffer 2 Address [31:0] or Next Descriptor Address [31:0]
0
31
Ctrl
[15:14]
C
T
R
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com