Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 346 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 346 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 342Page - STMicroelectronics RM0319 Datasheet HTML 343Page - STMicroelectronics RM0319 Datasheet HTML 344Page - STMicroelectronics RM0319 Datasheet HTML 345Page - STMicroelectronics RM0319 Datasheet HTML 346Page - STMicroelectronics RM0319 Datasheet HTML 347Page - STMicroelectronics RM0319 Datasheet HTML 348Page - STMicroelectronics RM0319 Datasheet HTML 349Page - STMicroelectronics RM0319 Datasheet HTML 350Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 368 page
background image
Vectored interrupt controller (VIC)
RM0319
346/368
Doc ID 022640 Rev 3
33.4
Interrupts
33.4.1
Reducing interrupt latency
The interrupt latency depends on the type of interrupt, see Table 122.
To reduce interrupt latency, you can re-enable the IRQ interrupts in the processor after the
ISR is entered, so the current ISR is interrupted, and the higher priority ISR is executed. The
VIC then only enables a higher priority interrupt than the interrupt currently being serviced. If
a higher priority interrupt goes active, the current ISR is interrupted and the higher-priority
ISR is executed. Before the interrupt enable bits in the processor can be re-enabled, the LR
and SPSR must be saved, preferably on a software stack. When the ISR is exited, you must
disable the interrupts, reload the LR and SPSR, and write to the vector address register,
VICVECTADDR.
Table 122.
Interrupt latency for different types of interrupts
Event
Worst case (cycles)
FIQ
IRQ
IRQ (reduced latency)
Interrupt synchronization
3
3
3
Worst case interrupt disable period
7
10
10
Entry to first instruction
2
2
2
Nesting, assuming single-state AHB
-
10
-
Load IRQ vector to PC
-
-
5
Total
122520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com