Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 347 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 347 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 343Page - STMicroelectronics RM0319 Datasheet HTML 344Page - STMicroelectronics RM0319 Datasheet HTML 345Page - STMicroelectronics RM0319 Datasheet HTML 346Page - STMicroelectronics RM0319 Datasheet HTML 347Page - STMicroelectronics RM0319 Datasheet HTML 348Page - STMicroelectronics RM0319 Datasheet HTML 349Page - STMicroelectronics RM0319 Datasheet HTML 350Page - STMicroelectronics RM0319 Datasheet HTML 351Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 368 page
background image
RM0319
Watchdog timer (WDT)
Doc ID 022640 Rev 3
347/368
34
Watchdog timer (WDT)
This chapter describes the functionality and operation of the watchdog timer.
For technical details about the programmable registers related to the watchdog timer, refer
to the watchdog timer registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
34.1
Overview
Within its basic subsystem, the device provides an ARM watchdog module. It consists of a
32-bit down counter with a programmable time-out interval that has the capability to
generate an interrupt and a reset signal on timing out. The watchdog module is intended to
be used to apply a reset to a system in the event of a software failure.
34.2
Main features
●
32-bit down counter with a programmable time-out interval
●
Separate watchdog clock with its clock enable for flexible control of the time-out interval
●
Interrupt output generation on time-out
●
Reset signal generation on time-out, if the interrupt from the previous time-out remains
unserviced by software
●
Lock register to protect registers from being altered by runaway software
●
Identification registers that uniquely identify the watchdog module. These can be used
by software to automatically configure itself.
●
An APB slave allowing access to all registers
34.3
Functional description
Figure 115 shows a simplified block diagram of the watchdog module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com