Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 367 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 367 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 360Page - STMicroelectronics RM0319 Datasheet HTML 361Page - STMicroelectronics RM0319 Datasheet HTML 362Page - STMicroelectronics RM0319 Datasheet HTML 363Page - STMicroelectronics RM0319 Datasheet HTML 364Page - STMicroelectronics RM0319 Datasheet HTML 365Page - STMicroelectronics RM0319 Datasheet HTML 366Page - STMicroelectronics RM0319 Datasheet HTML 367Page - STMicroelectronics RM0319 Datasheet HTML 368Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 367 / 368 page
background image
RM0319
Document revision history
Doc ID 022640 Rev 4
367/368
Document revision history
Table 128.
Document revision history
Date
Revision
Changes
10-Apr-2012
1
Initial release
07-Sep-2012
2
Section 4: Multilayer interconnect matrix (BUSMATRIX):
Updated Table 28 and Table 29 on page 77
Added note on DMA port connections
Section 5: BootROM added UART0 and Ethernet boot modes. Updated
description of bypass mode.
Section 15: Controller area network ports (CAN) added Figure 71 and
Figure 72
Section 17: I2C bus ports (I2C):
Updated Section 17.4.2 DMA and Section 17.3.3 Master mode
REFCLK specified as crystal clock in Section 29.3.6: Watchdog module
clock enable generation
Section 10.3.2: EHCI host controller: updated description for 2
downstream ports
Added Section 21.3.3: High-resolution mode
19-Oct-2012
3
Updated FIRDA Section 19.3.2: Demodulation unit
Updated BootROM Section 5.6.7: Ethernet boot
23-Nov-2012
4
Changed references to EMI_ACK signal to EMI_WAIT# Section 9:
External memory interface (EMI) and updated Example 2 in Section 9.4:
Programming examples.
Updated Table 123: Watchdog module counter decremented: changed
the two lines “The counter is decremented on every second WDOGCLK
rising edge” with “The counter is decremented on every WDGCLKEN
rising edge”.
Updated Section 29.3.6: Watchdog module clock enable generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com