Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 360 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 360 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 356Page - STMicroelectronics RM0319 Datasheet HTML 357Page - STMicroelectronics RM0319 Datasheet HTML 358Page - STMicroelectronics RM0319 Datasheet HTML 359Page - STMicroelectronics RM0319 Datasheet HTML 360Page - STMicroelectronics RM0319 Datasheet HTML 361Page - STMicroelectronics RM0319 Datasheet HTML 362Page - STMicroelectronics RM0319 Datasheet HTML 363Page - STMicroelectronics RM0319 Datasheet HTML 364Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 368 page
background image
Pulse width modulators (PWM)
RM0319
360/368
Doc ID 022640 Rev 3
38
Pulse width modulators (PWM)
This chapter focuses on PWM functionality and operation.
For technical details about the programmable registers related to the PWM, refer to the
PWM registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
38.1
Overview
The PWM is a pulse-width modulation (PWM) timer module with four independent channels
(PWM1, PWM2, PWM3, and PWM4). All four channels are functionally identical. Using a
16-bit counter, each PWM channel generates a rectangular output pulse with programmable
duty factor (0 to 100%) and frequency.
38.2
Main features
●
Four independent PWM channels
●
Prescaler (see Control_Reg_x register) to define the input clock frequency to each
timer.
●
Programmable duty factor from 0 to 100% ( through Duty_Reg_x register)
●
Programmable pulse frequency (through Period_Reg_x register)
●
APB slave interface for programming register
●
APB clock (PCLK ~ 83 MHz) as the source clock for prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com