Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 358 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 358 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 354Page - STMicroelectronics RM0319 Datasheet HTML 355Page - STMicroelectronics RM0319 Datasheet HTML 356Page - STMicroelectronics RM0319 Datasheet HTML 357Page - STMicroelectronics RM0319 Datasheet HTML 358Page - STMicroelectronics RM0319 Datasheet HTML 359Page - STMicroelectronics RM0319 Datasheet HTML 360Page - STMicroelectronics RM0319 Datasheet HTML 361Page - STMicroelectronics RM0319 Datasheet HTML 362Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 368 page
background image
General purpose timers (GPT)
RM0319
358/368
Doc ID 022640 Rev 3
37.3
Functional description
Figure 119. GPT block diagram
37.3.1
External pin connection
/1 ../256
Timer0_1
16-bit counter
Timer0_1 Prescaler
Timer0 clock
(up to 48 MHz)
Timer0_1
16-bit compare
register
Control
/1 ../256
Timer0_2
16-bit counter
Timer0_2
16-bit compare
register
Timer0_2 Prescaler
/1 ../256
Timer1_1
16-bit counter
Timer1_1 Prescaler
Timer1 clock
(up to 48 MHz)
Timer1_1
16-bit compare
register
/1 ../256
Timer1_2
16-bit counter
Timer1_2
16-bit compare
register
Timer1_2 Prescaler
TMR_CLK1 pin
Timer1_1
16-bit capture
register
TMR_CPTR1 pin
Timer1_2
16-bit capture
register
TMR_CPTR2 pin
TMR_CLK2 pin
/1 ../256
Timer2_1
16-bit counter
Timer2_1 Prescaler
Timer2 clock
(up to 48 MHz)
Timer2_1
16-bit compare
register
GPT timer 2_1 interrupt
/1 ../256
Timer2_2
16-bit counter
Timer2_2
16-bit compare
register
Timer2_2 Prescaler
TMR_CLK3 pin
Timer2_1
16-bit capture
register
TMR_CPTR3 pin
Timer2_2
16-bit capture
register
TMR_CPTR4 pin
TMR_CLK4 pin
Control
Control
GPT timer 2_2 interrupt
GPT timer 1_2 interrupt
GPT timer 1_1 interrupt (IRQ4)
GPT timer 0_1 interrupt (IRQ2)
GPT timer 1_2 interrupt (IRQ3)
From MISC
PRPH_CLK_CFG
register
From MISC
PRPH_CLK_CFG
register
From MISC
PRPH_CLK_CFG
register
(IRQ6 to VIC interrupt controller)
(IRQ7 to VIC interrupt controller)
(IRQ5 to VIC interrupt controller)
(IRQ4 to VIC interrupt controller)
(IRQ3 to VIC interrupt controller)
(IRQ2 to VIC interrupt controller)
GPT1
GPT0
GPT2
Subsystem
Timer pair
Base address
Signals
Ball
Usage
Note
CPU
GPT0
0xF000_0000
-
-
-
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com