Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 354 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 354 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 350Page - STMicroelectronics RM0319 Datasheet HTML 351Page - STMicroelectronics RM0319 Datasheet HTML 352Page - STMicroelectronics RM0319 Datasheet HTML 353Page - STMicroelectronics RM0319 Datasheet HTML 354Page - STMicroelectronics RM0319 Datasheet HTML 355Page - STMicroelectronics RM0319 Datasheet HTML 356Page - STMicroelectronics RM0319 Datasheet HTML 357Page - STMicroelectronics RM0319 Datasheet HTML 358Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 368 page
background image
DMA controller (DMAC)
RM0319
354/368
Doc ID 022640 Rev 3
Note:
The DMAC uses HSIZE1 or HSIZE2 to indicate the width of a transfer, and if this fails to
match the width expected by the peripheral, then the peripheral can assert an error on
HRESP1
or HRESP2, respectively.
36.3.4
DMA interface
The DMA interface provides the set of signals (listed in Table 124) to be used by a generic
peripheral. Over this interface the connected peripheral is allowed to request a data transfer
(through DMA request signals), and DMA is able to reply to peripheral both acknowledging
the request and stating whether the data transfer has been completed (through DMA
response signals).
Each DMA request/response signal is 16-bit wide, allowing then DMAC connectivity with up
to 16 peripherals.
Note:
Some peripherals do not use all the signals provided by the DMA interface. In this case,
response signals that are not required can be left unconnected, and request signals that are
not required can be tied to low.
Because of DMA interface, the DMAC enables four different data transfer types:
●
Memory-to-memory
●
Memory-to-peripheral
●
Peripheral-to-memory
●
Peripheral-to-peripheral,
where each transfer can have either the peripheral or the DMAC as the flow controller,
resulting then in eight different scenarios (see FlowCntrl field in DMAC configuration
register).
36.3.5
Scatter/gather
As mentioned before, the DMAC provides for scatter/gather DMA through the use of a series
of linked lists, allowing then source and destination of any DMA transfer to occupy non-
contiguous areas in memory.
Each item of a linked list, referred to as Linked List Item (LLI), controls the transfer of one
block of data (the packet) over a DMA channel, and then optionally loads another LLI to
continue the DMA operation (in case of more than a packet transfer), or stops the DMA
stream.
An LLI consists of four words:
●
the source address of the data to be transferred over a DMA channel,
●
the destination address of the data to be transferred over a DMA channel,
●
the pointer to next LLI (set to 0 in case current LLI is the last in its linked list),
●
a control word containing information about the corresponding DMA channel.
The first LLI of each linked list is programmed into the DMAC using the DMA channel
registers, namely DMACCnSrcAddr, DMACCnDestAddr, DMACCnLLI and DMACCnControl.
Then, these registers are updated as soon as a complete packet has been transferred over
the DMA channel by following the linked list.
Note:
The DMAC configuration is not part of the LLI description, but allows to configure the
relevant DMA channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com