Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 353 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 353 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 349Page - STMicroelectronics RM0319 Datasheet HTML 350Page - STMicroelectronics RM0319 Datasheet HTML 351Page - STMicroelectronics RM0319 Datasheet HTML 352Page - STMicroelectronics RM0319 Datasheet HTML 353Page - STMicroelectronics RM0319 Datasheet HTML 354Page - STMicroelectronics RM0319 Datasheet HTML 355Page - STMicroelectronics RM0319 Datasheet HTML 356Page - STMicroelectronics RM0319 Datasheet HTML 357Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 368 page
background image
RM0319
DMA controller (DMAC)
Doc ID 022640 Rev 3
353/368
Table 124.
DMAC signal interface
36.3.2
AHB slave interface
The AHB slave interface block allows to connect the DMAC to the AMBA AHB bus.
In particular, the AHB slave interface properly decodes read and write commands on the
AHB bus providing access to DMAC memory-mapped registers for configuration purposes.
It is worth mentioning that the AHB slave and the two AHB masters use the same clock,
HCLK, which means that they are all synchronous.
36.3.3
AHB master interfaces
The DMAC contains two full independent AHB masters for data transfer. This feature allows,
for example, DMAC to transfer data directly from the memory connected to AHB port #1 to
any AHB peripheral connected to AHB port #2. Besides, it enables transactions between the
DMAC and any APB peripheral to occur independently of transactions on AHB bus 1.
Each AHB master is capable of dealing with all types of AHB transactions, including:
●
Split, retry and error responses from AHB slaves. If a peripheral performs a split or
retry, the DMAC stalls and waits until the transaction can complete.
●
Locked transfers for source and destination of each stream.
●
Setting of protection bits for transfers on each stream.
The two AHB masters are connected to buses of the same width (the default is a 32-bit bus).
However, source and destination transfers can be with different widths, and can be the same
width or narrower than the physical bus width. In this case, the DMAC packs or unpacks
data as appropriate.
Group
Signal name
Direction
Size
(bit)
Description
DMA request
DMACBREQ
Input
16
DMA burst transfer request
DMACLBREQ
Input
16
DMA last burst transfer request
DMACSREQ
Input
16
DMA single transfer request
DMACLSREQ
Input
16
DMA last single transfer request
DMA response
DMACCLR
Output
16
DMA request clear
DMACTC
Output
16
DMA terminal count (transaction complete)
Interrupt
request
DMACINTERR
Output
1
DMA error interrupt request
DMACINTTC
Output
1
DMA terminal count interrupt request
DMACINTR
Output
1
DMA interrupt request. This signal
combines the DMACINTERR and
DMACINTTC requests.
AHB Master #1 -
Input/Output -
See AMBA specification
AHB Master #2 -
Input/Output -
See AMBA specification
AHB Slave
-
Input/Output -
See AMBA specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com