Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 357 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 357 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 353Page - STMicroelectronics RM0319 Datasheet HTML 354Page - STMicroelectronics RM0319 Datasheet HTML 355Page - STMicroelectronics RM0319 Datasheet HTML 356Page - STMicroelectronics RM0319 Datasheet HTML 357Page - STMicroelectronics RM0319 Datasheet HTML 358Page - STMicroelectronics RM0319 Datasheet HTML 359Page - STMicroelectronics RM0319 Datasheet HTML 360Page - STMicroelectronics RM0319 Datasheet HTML 361Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 368 page
background image
RM0319
General purpose timers (GPT)
Doc ID 022640 Rev 3
357/368
37
General purpose timers (GPT)
This chapter focuses on GPT functionality and operation.
For technical details about the programmable registers related to the GPT, refer to the GPT
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
37.1
Overview
General purpose timers can be used for precise timing measurement and for measurement
of frequency of any input signal. They are essentially counters that increment based on the
clock cycle and the timer prescaler. An application can monitor these counters to determine
how much time has elapsed. GPT can have timer and capture mode capabilities.
SPEAr320S provides six general purpose timers (GPTs) grouped in three timer pairs GPT0,
GPT1 and GPT2.
37.2
Main features
●
Each timer pair consists of 2 channels, each channel consists of a programmable 16-bit
counter and a dedicated 8-bit timer clock prescaler.
●
The programmable prescaler performs a clock division by 1 up to 256, and different
input frequencies can be chosen through SPEAr320S configuration registers (so we
can synthesize, for instance, a frequency range from 3.96 Hz to 48 MHz).
●
Three modes of operation are available for each timer channel:
–
Auto-reload mode
–
Single-shot mode
–
Capture mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com