Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 48Page - STMicroelectronics UM0851 Datasheet HTML 49Page - STMicroelectronics UM0851 Datasheet HTML 50Page - STMicroelectronics UM0851 Datasheet HTML 51Page - STMicroelectronics UM0851 Datasheet HTML 52Page - STMicroelectronics UM0851 Datasheet HTML 53Page - STMicroelectronics UM0851 Datasheet HTML 54Page - STMicroelectronics UM0851 Datasheet HTML 55Page - STMicroelectronics UM0851 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 245 page
background image
Communication device drivers
UM0851
52/245
Doc ID 16604 Rev 2
4.1.6
GMAC driver performance
The driver performance was evaluated using the following setup:
●
Host PC
–
Linux Fedora Core11
–
Processor: 1 GHz AMD Athlon 64 bit dual core
–
RAM: 1 GB DDR2 RAM (667 MHz)
–
Gigabit Ethernet
●
Target device: SPEAr600
–
CPU: 332 MHz - AHB: 166 MHz - DDR: 333 MHz
●
Ethernet Traffic Sniffer: Ethereal On Linux PC
●
Benchmark: netperf/netserver (http://www.netperf.org/netperf/)
●
Test method
The target board is connected to the Linux PC via an Ethernet cross cable. A terminal
emulator running on the Windows PC (connected via the serial port) is used to run the
Linux image and execute test cases. The netserver is run on the Linux test PC and the
netperf is run on the target board (with the necessary options for different test cases) to
measure the transmission throughput and vice versa to measure the reception
throughput.
The test method covers the following combination of tests. The MTU size varied from
4000 to 1500 bytes and for each set of readings the various combinations for
Checksum offloading (On/Off) with CRC stripping(on/off) were tested.
●
Test type
Netperf is a benchmark that is used to measure the performance of Ethernet. It uses
TCP and UDP via BSD sockets. It provides tests for both unidirectional throughput and
end-to-end latency. The worksheet provides test results for TCP_STREAM
performance tests.
●
At giga speeds.
Table 15.
SPEAr600 Ethernet evaluation results
MTU
Checksum offloading disabled
Checksum offloading enabled
CRC strip off
CRC strip on
CRC strip off
CRC strip on
RX speed Tx speed
RX
speed
Tx speed
RX
speed
Tx speed
RX
speed
Tx speed
4000
322.61
235.88
321.35
234.76
382.72
241
383.96
241.76
3500
293.98
228.06
289.91
226.32
352.91
233.95
354.58
232.56
3000
263.75
211.86
260.1
208.12
311.38
217.57
308.92
211.88
2500
223.37
205.03
220.51
203.47
261.86
207.65
257.47
206.32
2000
192.01
174.23
191.38
172.88
225.96
177.46
226.55
175.31
1500
168.3
143.6
170.12
142.41
201.64
146.95
204.48
144.82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com