Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 69 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 65Page - STMicroelectronics UM0851 Datasheet HTML 66Page - STMicroelectronics UM0851 Datasheet HTML 67Page - STMicroelectronics UM0851 Datasheet HTML 68Page - STMicroelectronics UM0851 Datasheet HTML 69Page - STMicroelectronics UM0851 Datasheet HTML 70Page - STMicroelectronics UM0851 Datasheet HTML 71Page - STMicroelectronics UM0851 Datasheet HTML 72Page - STMicroelectronics UM0851 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
69/245
If you have a USB keyboard, mouse, joystick, or any other input device, you need to
enable HID support. Go back one level to "Device drivers" and enable HID support as
shown:
Device Drivers --->
[*] HID Devices
--->
<*>
USB Human Interface Device (full HID) support
If you have a USB modem, you need to enable USB Modem(CDC ACM) support as shown above
along with the following supports:
Device Drivers ---->
[*] Network device support--->
USB Network Adapters--->
<*> Multi-Purpose USB Networking Framework
4.4
USB Device
4.4.1
Hardware overview
SPEAr600 provides a Synopsys®'s USB 2.0 Device controller which is fully compliant with
the universal serial bus specification (version 2.0), and offers an interface to the industry-
standard AHB bus.
The main features provided by the USB 2.0 Device are listed below:
●
USB plug detect (UPD) which detects the connection/disconnection of a device
●
UDC-AHB supports 480 Mbps high-speed (HS) for USB 2.0, as well as 12 Mbps full-
speed (FS) for USB 1.1
●
UDC-AHB supports 16 physical unidirectional endpoints and proper configurations to
achieve logical endpoints
●
Both DMA mode and slave-only mode supported
●
In DMA mode, the UDC-AHB supports descriptor-based memory structures in
application memory
●
Multiple RxFIFO controllers supported for each OUT endpoint. This gives flexibility in
configuring different FIFO sizes for each endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com