Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 28Page - STMicroelectronics UM0851 Datasheet HTML 29Page - STMicroelectronics UM0851 Datasheet HTML 30Page - STMicroelectronics UM0851 Datasheet HTML 31Page - STMicroelectronics UM0851 Datasheet HTML 32Page - STMicroelectronics UM0851 Datasheet HTML 33Page - STMicroelectronics UM0851 Datasheet HTML 34Page - STMicroelectronics UM0851 Datasheet HTML 35Page - STMicroelectronics UM0851 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 245 page
background image
Platform section
UM0851
32/245
Doc ID 16604 Rev 2
3.2.1
Hardware overview
Each ARM subsystem of the SPEAR family has a Daisy-Chained ARM PrimeCell® vector
interrupt controller (PL190). The VIC provides a software interface to the interrupt system. In
a system with an interrupt controller, software must determine the source requesting service
and where its service routine is loaded. A VIC does both of these in hardware. It supplies
the starting address, or vector address of the service routine corresponding to the highest
priority requesting interrupt source.
The following table shows the differences between the hardware features for SPEAr600 and
SPEAr300.
The main features of the VIC are listed below:
●
Generation of both fast interrupt request (FIQ) and interrupt request (IRQ), according to
ARM system operation. IRQ is used for general interrupts, whereas FIQ is intended for
fast, low-latency interrupt handling. In particular, using a single FIQ source at a time
provides interrupt latency reduction, because the ISR can be directly executed without
determining the source of the interrupt.
●
Support for 16 vectored interrupts (IRQ only). Each vectored interrupt block receives
the IRQ from the interrupt request logic block and generates a vectored interrupt. Each
vectored interrupt is associated with the 32-bit address of the interrupt service routine
to be executed.
●
Hardware interrupt priority, where FIQ interrupt has the highest priority, followed by
vectored IRQs (from vector 0 to vector 15), and then non-vectored IRQs with the lowest
priority.
●
Interrupt masking
●
Interrupt request status and raw interrupt status (prior to masking).
The interrupt inputs must be level sensitive, active high, and held asserted until the interrupt
service routine clears the interrupt. Edge-triggered interrupts are not compatible.
Table 11.
Differences between SPEAr600 and SPEAr300
SPEAr600
SPEAr300
– Two daisy chained ARM PrimeCells
– One ARM PrimeCell
– A total of 64 interrupt lines are available for
each CPU from its two daisy-chained ICs.
– A total of 32 interrupt lines are available for the
CPU from the ARM PrimeCell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com