Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 76 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 72Page - STMicroelectronics UM0851 Datasheet HTML 73Page - STMicroelectronics UM0851 Datasheet HTML 74Page - STMicroelectronics UM0851 Datasheet HTML 75Page - STMicroelectronics UM0851 Datasheet HTML 76Page - STMicroelectronics UM0851 Datasheet HTML 77Page - STMicroelectronics UM0851 Datasheet HTML 78Page - STMicroelectronics UM0851 Datasheet HTML 79Page - STMicroelectronics UM0851 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 245 page
background image
Communication device drivers
UM0851
76/245
Doc ID 16604 Rev 2
available on host side to execute desired test cases. Please refer to the following link for
details on this test setup.
http://www.linux-usb.org/usbtest/
4.4.5
USBD driver performance
The driver performance was evaluated using the following setup:
●
Host PC:
–
Linux Fedora Core11
–
Processor: 1 GHz AMD Athlon 64 bit dual core
–
RAM: 1 GB DDR2 RAM (667 MHz)
–
Gigabit Ethernet
●
Target device: SPEAr600
–
CPU: 332 MHz - AHB: 166 MHz - DDR: 333 MHz
●
Benchmark: testusb (www.linux-usb.org/usbtest/testusb.c)
●
Test method
The target board is connected to the Linux PC via an USB standard A/B cable.
On host side run testusb using following command:
./testusb -D /proc/bus/usb/bus No/dev No. -t 1 -s 4096 -c 10
D = It used to pass the gadget zero bus id and device id
t = It used to pass the test type (1 is BulkOUT, 2 is BulkIN)
s = block size (4096,8192,16384,32768,65024)
c = test loop count
On target side run gadget zero as a module using make menuconfig to declare it as a
module and make modules to build it. Then insert the module passing the size of the buffer
as a parameter: insmod g_zero.ko buflen=4096.
●
Test result
The following are the results using following commands:
Target: insmod g_zero.ko buflen=4096
HOST: ./testusb -D /proc/bus/usb/bus No/dev No. -t 1 -s <BlkSize> -c 10
HOST: ./testusb -D /proc/bus/usb/bus No/dev No. -t 2 -s <BlkSize> -c 10
Table 24.
USBD performance results
BlkSize
(KB)
Data Size
(KB)
BulkOUT time
(s)
BulkOUT
throughput
(Mbps)
BulkIN time (s)
BulkIN
throughput
(Mbps)
4
400
0.039872
82.18298555
0.02514
130.3420843
8
800
0.041113
159.4045679
0.043696
149.9816917
16
1600
0.050237
260.9072994
0.062876
208.461098
32
3200
0.100362
261.1984616
0.125675
208.5888204
40
4000
0.125614
260.8626427
0.150206
218.1537355
80
8000
0.238237
275.087413
0.305275
214.6785685



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com