Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 62 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 58Page - STMicroelectronics UM0851 Datasheet HTML 59Page - STMicroelectronics UM0851 Datasheet HTML 60Page - STMicroelectronics UM0851 Datasheet HTML 61Page - STMicroelectronics UM0851 Datasheet HTML 62Page - STMicroelectronics UM0851 Datasheet HTML 63Page - STMicroelectronics UM0851 Datasheet HTML 64Page - STMicroelectronics UM0851 Datasheet HTML 65Page - STMicroelectronics UM0851 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 245 page
background image
Communication device drivers
UM0851
62/245
Doc ID 16604 Rev 2
Figure 13.
USB driver overview
A good number of online documents related to USB can be found at:
●
The official USB website
●
The USB FAQ
●
Compaq's OHCI standard
●
Intel's UHCI standard
●
Intel's EHCI standard.
4.3.2
USB host API
Linux provides two host control drivers (Linux EHCI & Linux OHCI). The architecture driver
plugs into the USB host stack and allocates the basic resources for the USB host controller.
The host-side drivers for USB devices talk to the "usbcore" APIs. There are standard details
of the API available.
The details of the USB Host APIs could be found online at the following address.
http://www.kernel.org/doc/htmldocs/usb.html
4.3.3
USB host usage
A USB device can either use a custom driver or use one already present in the system. This
is based on the concept of a device class and means that if a device belongs to a certain
class, then the other devices of the same class can make use of the same device driver.
Some of these classes are: the USB HID (human interface devices) class which covers input
devices like keyboards and mice, the USB Mass storage devices class which covers devices
like pen drives, digital cameras, audio players etc and the USB CDC (communication
devices class) which essentially covers USB modems and similar devices.
Application
UHCI/EHCI
Hardware
Kernel space
User space
Mass storage
Other USB
class drivers
USB core
UHC driver
Other controller
drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com