Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 87 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 83Page - STMicroelectronics UM0851 Datasheet HTML 84Page - STMicroelectronics UM0851 Datasheet HTML 85Page - STMicroelectronics UM0851 Datasheet HTML 86Page - STMicroelectronics UM0851 Datasheet HTML 87Page - STMicroelectronics UM0851 Datasheet HTML 88Page - STMicroelectronics UM0851 Datasheet HTML 89Page - STMicroelectronics UM0851 Datasheet HTML 90Page - STMicroelectronics UM0851 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
87/245
The SPI bus specifies four logic signals.
●
SCLK - serial clock (output from master)
●
MOSI - master output, slave input (output from master)
●
MISO - master input, slave output (output from slave)
●
SS - slave select (active low; output from master)
SPEAr600 has three SSP ARM PL022 controllers and SPEAr3xx has one SSP ARM PL022
controller. SSP controllers are connected through the APB bus and thus they work on the
APB clock. SSP frequency is configured by dividing APB frequency with a factor specified in
the controller configuration.
SPEAr support both master and slave sides for the following interfaces:
●
Motorola SPI - compatible interface
●
Texas instruments synchronous serial interface
●
National Semiconductor Microwire interface
In SPEAr3xx, although four chip select lines are available, only one at a time can be
operational. The selection of the active one is done using the two GPIO lines 6 and 7. The
FSSOUT of SPI controller is multiplexed to the external CSx according to the following table.
4.6.2
Software overview
The SPI framework present in Linux supports only the master side of the Motorola SPI
interface. User applications can use the interface of the protocol drivers present in Linux.
Protocol drivers use the standard call provided by the SPI framework present in Linux. The
SPI controller driver provides interface to the SPI Framework for accessing the SPI
controller. The SPI controller transfers data through the SPI slave devices/memories
connected to it according to the configuration provided by the SPI controller driver. The
following figure presents the SPI software system architecture:
Table 29.
Section of active CSx signal by GPIO7 and GPIO6
GPIO[7]
GPIO[6]
CSx
00
CS1
01
CS2
10
CS3
11
CS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com