Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 12Page - STMicroelectronics UM0851 Datasheet HTML 13Page - STMicroelectronics UM0851 Datasheet HTML 14Page - STMicroelectronics UM0851 Datasheet HTML 15Page - STMicroelectronics UM0851 Datasheet HTML 16Page - STMicroelectronics UM0851 Datasheet HTML 17Page - STMicroelectronics UM0851 Datasheet HTML 18Page - STMicroelectronics UM0851 Datasheet HTML 19Page - STMicroelectronics UM0851 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 245 page
background image
Boot loader overview
UM0851
16/245
Doc ID 16604 Rev 2
# make
/* Build U-Boot for SPEAr320 target */
# make spear320_config
Generating include/autoconf.mk
Configuring for spear320 board...
# make
The U-Boot source can be compiled with various options, which are listed below:
●
make CONSOLE=USB: This option generates firmware binary image (containing TTY
over USB driver) to be downloaded for the operation of the Flashing Utility (refer to the
Section 11: Flashing utility section).This option is available for SPEAr3xx and
SPEAr600.
●
make ENV=NAND: This option generates U-Boot/firmware image which saves
environment variables in NAND device. This option is available for SPEAr3xx and
SPEAr600.
●
make FLASH=PNOR: This option generates an image that supports parallel NOR in
place of serial NOR Flash drivers. It is applicable only for SPEAr310.
1.2.4
U-Boot commands
You can display the complete list of U-Boot commands using the 'help' command.
spear600> help
?
- alias for 'help'
autoscr - run script from memory
base
- print or set address offset
bdinfo
- print Board Info structure
boot
- boot default, for example, run 'bootcmd'
bootd
- boot default, for example, run 'bootcmd'
bootm
- boot application image from memory
bootp
- boot image via network using BootP/TFTP protocol
cdp
- Perform CDP network configuration
cmp
- memory compare
coninfo - print console devices and information
cp
- memory copy
crc32
- checksum calculation
dhcp
- invoke DHCP client to obtain IP/boot params
echo
- echo args to console
erase
- erase FLASH memory
flinfo
- print FLASH memory information
go
- start application at address 'addr'
help
- print online help
i2c
- I2C sub-system
iminfo
- print header information for application image
imls
- list all images found in flash
itest
- return true/false on integer compare
loadb
- load binary file over serial line (kermit mode)
loads
- load S-Record file over serial line
loady
- load binary file over serial line (ymodem mode)
loop
- infinite loop on address range
md
- memory display
mm
- memory modify (auto-incrementing)
mtest
- simple RAM test
mw
- memory write (fill)
nand
- NAND sub-system
nboot
- boot from NAND device
nfs
- boot image via network using NFS protocol
nm
- memory modify (constant address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com