Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 94 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 90Page - STMicroelectronics UM0851 Datasheet HTML 91Page - STMicroelectronics UM0851 Datasheet HTML 92Page - STMicroelectronics UM0851 Datasheet HTML 93Page - STMicroelectronics UM0851 Datasheet HTML 94Page - STMicroelectronics UM0851 Datasheet HTML 95Page - STMicroelectronics UM0851 Datasheet HTML 96Page - STMicroelectronics UM0851 Datasheet HTML 97Page - STMicroelectronics UM0851 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 245 page
background image
Communication device drivers
UM0851
94/245
Doc ID 16604 Rev 2
Features of the SD host controller
●
Compliant to SD host controller, SDIO card and SD memory card standard
specification version 2.0
●
Compliant to SD memory card security specification version 1.01
●
Compliant to MMC specification version 3.31 and 4.2
●
Supports both DMA (SDMA & ADMA) and Non-DMA mode of operation
●
Supports MMC Plus and MMC Mobile
●
Host clock rate variable between 0 and 52 MHz
●
Supports 1 bit, 4 bit and 8 bit SD modes and SPI mode
●
Up to 100 Mbits per second data rate using 4 parallel data lines (sd4 bit mode)
●
Upto 416 Mbits per second data rate using 8 bit parallel data lines (sd8 bit mode)
●
Cyclic redundancy check CRC7 for command and CRC16 for data integrity
●
Error correction code (ECC) support for MMC4.2 cards.
4.7.2
Software overview
The SDIO host controller provides interface between the core driver layer of Linux MMC
stack and the underlying SDIO host controller. The SDIO host controller driver is present at
the drivers/mmc/host/spr_sdio_arasan.c file. The SDIO core driver layer is present in the
drivers/mmc/core folder in Linux. This layer provides an interface to card or function drivers,
which can use it to communicate with the SD/MMC/SDIO card. Card drivers are present in
the drivers/mmc/card folder in Linux. This layer can provide its own interface to the user, for
example the MMC card driver implemented in Linux provides a block driver interface to the
user. After inserting the card on the slot, you can access the MMC device nodes
(/dev/mmcblkp1, /dev/mmcblkp2, etc).
The following examples demonstrate how a card driver can access the functionalities
provided by the core driver layer.
Note:
1
The device nodes /dev/mmcblkp1 and /dev/mmcblkp2 are created because the disk has
partitions. If you use a generic disk or a disk without partitions then the generic dev node
/dev/mmcblk[0,1,2 ] are created.
2
The driver does not support ADMA feature of SDIO host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com