Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 21Page - STMicroelectronics UM0851 Datasheet HTML 22Page - STMicroelectronics UM0851 Datasheet HTML 23Page - STMicroelectronics UM0851 Datasheet HTML 24Page - STMicroelectronics UM0851 Datasheet HTML 25Page - STMicroelectronics UM0851 Datasheet HTML 26Page - STMicroelectronics UM0851 Datasheet HTML 27Page - STMicroelectronics UM0851 Datasheet HTML 28Page - STMicroelectronics UM0851 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 245 page
background image
UM0851
Platform section
Doc ID 16604 Rev 2
25/245
3
Platform section
This section describes the basic SPEAr platform code and driver. It consists of the following
directories:
●
arch/arm/plat-spear
●
arch/arm/mach-spear600
●
arch/arm/mach-spear300
The platform code has been split in this way so that common code across SPEAr platforms
is kept in the plat-spear/ directory and platform specific code is kept in the respective mach-
spear600/ (or mach-spear300/ directory for all SPEAr3xx).
The platform code is responsible for:
●
Initializing VIC
●
Initializing the timer (clock source and clock event)
●
Initializing static memory mapping if required by the system
●
Defining IO_ADDRESS and related macros so that the static memory can be used
●
Providing platform specific code for power management, clock framework etc. and
initialization code for some specific controllers like fsmc and gpio
●
Providing system specific header files like those describing irq lines and base
addresses of respective devices
Additionally, there are 3 variants for SPEAr300 platform.
●
SPEAr300: Basic SPEAr300 with IPs for telecom applications
●
SPEAr310: Basic SPEAr300 with IPs for communication applications
●
SPEAr320: Basic SPEAr300 with IPs for industrial applications
Different architecture specific code for all the above variants (SPEAr3xx) are kept in mach-
spear300/ as all of these are basically SPEAr300 machines. Architecture specific code for
SPEAr600 is kept in mach-spear600/ and has no variant. They are distinguished with the
help of the following macros:
●
MACH_SPEAR600 or ARCH_SPEAR600 for SPEAr600
●
MACH_SPEAR300 or ARCH_SPEAR300 for all SPEAr300 platforms including variants
–
BOARD_SPEAR300 specific for telecom version of SPEAr300
–
BOARD_SPEAR310 specific for communication version of SPEAr300
–
BOARD_SPEAR320 specific for industrial version of SPEAr300
3.1
General purpose timer (GPT) driver
This section describes the driver of the general purpose timer embedded in SPEAr devices.
A digital general purpose timer is a programmable device with a counter that increments or
decrements at a fixed frequency and generates interrupts after a specified time. An
embedded system makes wide use of timers for different purpose, like for generating the
system-tick, which is the basic temporization mechanism of any RTOS, or for other fine
granularity time measurement mechanisms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com