Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 97 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 93Page - STMicroelectronics UM0851 Datasheet HTML 94Page - STMicroelectronics UM0851 Datasheet HTML 95Page - STMicroelectronics UM0851 Datasheet HTML 96Page - STMicroelectronics UM0851 Datasheet HTML 97Page - STMicroelectronics UM0851 Datasheet HTML 98Page - STMicroelectronics UM0851 Datasheet HTML 99Page - STMicroelectronics UM0851 Datasheet HTML 100Page - STMicroelectronics UM0851 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
97/245
/* host: MMC host to start command
hz: requested frequency */
void mmc_set_clock(struct mmc_host *host, unsigned int hz);
●
Set data bus width:
This function sets the data bus width of a host.
/* host: MMC host to start command
width: requested bus width, it can be one of MMC_BUS_WIDTH_1 or
MMC_BUS_WIDTH_4 */
void mmc_set_bus_width(struct mmc_host *host, unsigned int width);
●
Free host:
After the card has finished working with the host controller, it should free the host. This
can be done using following the call:
/* host: MMC host to free. */
void mmc_release_host(struct mmc_host *host);
●
Driver un-registration:
The card driver must un-register itself after its usage is over. This can be done using the
following function.
/* Drv: MMC media driver. */
int mmc_unregister_driver(struct mmc_driver *drv);
4.7.4
SDIO host controller driver performance
The performance measurement has been performed using:
●
Hardware: ARM926EJS (333MHz) SPEAr300 boards.
●
Kernel: linux-2.6.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com