Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 64 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 60Page - STMicroelectronics UM0851 Datasheet HTML 61Page - STMicroelectronics UM0851 Datasheet HTML 62Page - STMicroelectronics UM0851 Datasheet HTML 63Page - STMicroelectronics UM0851 Datasheet HTML 64Page - STMicroelectronics UM0851 Datasheet HTML 65Page - STMicroelectronics UM0851 Datasheet HTML 66Page - STMicroelectronics UM0851 Datasheet HTML 67Page - STMicroelectronics UM0851 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 245 page
background image
Communication device drivers
UM0851
64/245
Doc ID 16604 Rev 2
T: Bus=01 Lev=01 Prnt=01 Port=00 Cnt=01 Dev#= 2 Spd=480 MxCh= 0
D: Ver= 2.00 Cls=ff(vendor)Sub=ff Prot=00 MxPS= 64 #Cfgs= 1
P: Vendor=2001 ProdID=3c05 Rev= 0.01
S: Manufacturer= D-Link Corporation
S: Product=DUB-E100
S: Serial Number=000001
C:* #Ifs= 1 Cfg#= 1 Atr=80 MxPwr=250mA
I: If#= 0 Alt= 0 #EPs= 3 Cls=ff(vendor specific) Sub=ff Prot=00 Driver=asix
E: Ad=82(I) Atr=03(Int.) MxPS= 8 Ivl=128ms
E: Ad=81(I) Atr=02(Bulk) MxPS= 512 Ivl=0ms
E: Ad=03(O) Atr=02(Bulk) MxPS= 512 Ivl=0ms
/* The functionality could be checked by assigning the IP and then test a simple ping
operation. */
$ ifconfig eth0 192.168.1.11
eth0: link up, 100Mbps, full duplex, lpa 0xcde1
eth0: linkup, 100Mbps, full-duplex, lpa 0xcde1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com