Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 84 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 80Page - STMicroelectronics UM0851 Datasheet HTML 81Page - STMicroelectronics UM0851 Datasheet HTML 82Page - STMicroelectronics UM0851 Datasheet HTML 83Page - STMicroelectronics UM0851 Datasheet HTML 84Page - STMicroelectronics UM0851 Datasheet HTML 85Page - STMicroelectronics UM0851 Datasheet HTML 86Page - STMicroelectronics UM0851 Datasheet HTML 87Page - STMicroelectronics UM0851 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 245 page
background image
Communication device drivers
UM0851
84/245
Doc ID 16604 Rev 2
This shows four different I2C chip devices, all controlled by the same EEPROM driver. To
locate the controlling driver,you can look in the /sys/bus/i2c/drivers directory or in the
directory of the chip device itself and read the name file.
$ cat /sys/devices/platform/spear_i2c.6/i2c-0/0-0050/name
eeprom
Read and write
To read and write from the user space, you need binary attribute. The structure used for this
is:
static struct bin_attribute eeprom_attr = {
.attr = {
.name = "eeprom",
.mode = S_IRWXUGO,
.owner = THIS_MODULE,
},
.size = EEPROM_SIZE,
.read = eeprom_read,
}
Cleaning up
When the I2C chip device is removed from the system, by unloading either the I2C bus
driver or the I2C chip driver, the I2C core calls the detach_client() function specified in the
struct i2c_driver. This is usually a simple function, as it can be seen in the example driver's
implementation.
static int eeprom_detach_client(struct i2c_client *client)
{
int err;
sysfs_remove_bin_file(&client->dev.kobj, &xxx_attr);
err = i2c_detach_client(client);
if (err)
return err;
kfree(i2c_get_clientdata(client));
return 0;
}
While the i2c_attach_client() function is called to register the struct i2c_client with the I2C
core, the i2c_detach_client() function is used to unregister it. If that function succeeds, the
memory the driver has allocated for the I2C device needs to be freed before returning from
the function.
This example driver does not specifically remove the sysfs files from the sysfs core. This
step is done automatically in the driver core within the i2c_detach_client() function. But if
necessary, you can remove the file manually using a call to device_remove_file.
4.5.5
I2C driver performance
The driver performance was evaluated using the following setup:
●
Target device: SPEAr600
–
CPU: 332 MHz - AHB: 166 MHz - DDR: 333 MHz
–
M24C04 EEPROM (size: 512 Bytes, block size: 16 Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com