Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 41Page - STMicroelectronics UM0851 Datasheet HTML 42Page - STMicroelectronics UM0851 Datasheet HTML 43Page - STMicroelectronics UM0851 Datasheet HTML 44Page - STMicroelectronics UM0851 Datasheet HTML 45Page - STMicroelectronics UM0851 Datasheet HTML 46Page - STMicroelectronics UM0851 Datasheet HTML 47Page - STMicroelectronics UM0851 Datasheet HTML 48Page - STMicroelectronics UM0851 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
45/245
Figure 8.
GMAC Ethernet software architecture
4.1.3
GMAC API
The following sections describe the GMA API.
Device registration
The GMAC driver inserts a data structure for each newly detected interface into a global list
of network devices.
Each interface is described by a struct net_device item, which is defined in
<linux/netdevice.h>. The structure must be allocated dynamically. The kernel function
provided to perform this allocation is alloc_etherdev(), which has the following prototype:
struct net_device *alloc_etherdev(int sizeof_priv);
/* Here, sizeof_priv is the size of the SPEAr MAC driver's "private data" area. Once
the net_device structure has been initialized, the process of registration is
complete by passing the structure to register_netdev().The access to the SPEAr GMAC
private data is done via standard call provided by kernel
*/
struct spear_eth_priv priv = netdev_priv(dev);
The GMAC driver interacts with the kernel via the struct net_device data structure. The
structure fields are initialized to provide the necessary interface. The code below is a fairly
routine initialization of the struct net_device structure; it is mostly a matter of storing pointers
to the various functions of the driver.
struct net_device *dev;
dev->open = spear_eth_open;
dev->stop = spear_eth_stop;
dev->do_ioctl = spear_eth_ioctl;
dev->get_stats = spear_eth_get_stats;
dev->tx_timeout = spear_eth_tx_timeout;
Application
Socket API
TCP/IP stack
Netif I/F
GMAC controller
Hardware
Kernel space
User space
GMAC Ethernet driver
Eth Phy
GMII/MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com