Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 9Page - STMicroelectronics UM0851 Datasheet HTML 10Page - STMicroelectronics UM0851 Datasheet HTML 11Page - STMicroelectronics UM0851 Datasheet HTML 12Page - STMicroelectronics UM0851 Datasheet HTML 13Page - STMicroelectronics UM0851 Datasheet HTML 14Page - STMicroelectronics UM0851 Datasheet HTML 15Page - STMicroelectronics UM0851 Datasheet HTML 16Page - STMicroelectronics UM0851 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 245 page
background image
UM0851
Boot loader overview
Doc ID 16604 Rev 2
13/245
1
Boot loader overview
The SPEAr boot process is divided into four different stages. On power-on the BootROM
hard coded in the silicon (eROM) starts (first stage). Its role is to locate XLoader and
transfer the control to it. The BootROM is embedded in the silicon and is not part of the LSP.
The following sections describe the features offered by the components which are not
embedded in the silicon (XLoader and U-Boot) because they are usually board dependent
and need to be customized by the user. These components are part of LSP v2.3.
For a detailed description, please refer to the corresponding SPEAr datasheet and user
manual.
Figure 1.
SPEAr booting stages
1.1
XLoader
XLoader is a small firmware loaded during the second stage of the boot phase by the
BootROM.
The main steps performed by XLoader in LSP v2.3 are:
●
Initializing the DDR and PLLs at 333 MHz
●
Passing of board information (DDR size etc.) to U-Boot
●
Loading the U-Boot from NAND, NOR depending on boot type selection and
transferring the control to it.
The XLoader coming with the LSP v2.3 is licensed under GPLv2 and distributed in full
source code. This distributed XLoader version runs on the SPEAr hardware development
kits. You have to customize Xloader to run it on a different PCB, especially the MPMC
Reset
ARM
High vectors
eSRAM
Shadow
memory
BootROM
NAND/NOR
DDR
Embedded in SPEAr
Part of LSP
BootROM
X-Loader
U-Boot
Linux/OS
eROM
FFFF0000h
D2800000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com