Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 10Page - STMicroelectronics UM0851 Datasheet HTML 11Page - STMicroelectronics UM0851 Datasheet HTML 12Page - STMicroelectronics UM0851 Datasheet HTML 13Page - STMicroelectronics UM0851 Datasheet HTML 14Page - STMicroelectronics UM0851 Datasheet HTML 15Page - STMicroelectronics UM0851 Datasheet HTML 16Page - STMicroelectronics UM0851 Datasheet HTML 17Page - STMicroelectronics UM0851 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 245 page
background image
Boot loader overview
UM0851
14/245
Doc ID 16604 Rev 2
settings required for different DDR memory hardware and routing. Please refer to one of the
following application notes for more information on MPMC configuration:
●
AN3100, Configuring the SPEAr3xx multi-port memory controller (MPMC) for external
DDR SDRAM
●
AN3132, Configuring the SPEAr600 multi-port memory controller (MPMC) for external
DDR SDRAM.
1.1.1
Building XLoader
To build XLoader, you need to use the STLinux toolchain and run the following commands:
/* Build XLoader for SPEAr600 target with DDR@333MHz for size 128MB*/
# make SOC=SPR600 DDRFREQ=333 DDRSIZE=128M
/* Build XLoader for SPEAr300 target with DDR@333MHz for size 128MB*/
# make SOC=SPR300 DDRFREQ=333 DDRSIZE=128M
/* Build XLoader which could be used as a firmware for initializing
* DDR with USB Flashing utility
*/
# make SOC=SPR600 DDRFREQ=166 DDRSIZE=128M CONSOLE=USB
/* Build XLoader for all platform and all types (normal XLoader
* and Flashing utility firmware
*/
# ./makeall
The XLoader source can be compiled with various options, which are listed below:
●
make SOC=SPR300: This option generates XLoader for the requested platform. Other
platform options can be SPR600, SPR310 and SPR320.
●
make DDRFREQ=333: This option generates XLoader binary image with DDR driver
that supports 333 MHz operation. To generate XLoader for DDR @166 MHZ pass
DDRFREQ=166. This option is available for SPEAr3XX and SPEAr600
●
make DDRSIZE=128M: This option generates XLoader for DDR size of 128 MB. An
other possible parameter can be 64 M to generate 64 MB XLoader.
●
make CONSOLE=USB: This option generates XLoader which is used as a firmware to
initialize DDR in USB flashing utility.
●
make DDRFREQ=333 DDRCONF=ASYNC: This option generates XLoader to
configure DDR @333 MHz asynchronoulsy, for example the DDR is driven through the
clock from PLL2 rather than PLL1 (synchronous operation). This option only works for
DDR @333 MHz. This XLoader can be used with some features of Linux Power
Management (like CPU-Freq) which currently guarantees only the system stability with
asynchronous DDR operation.
1.2
U-Boot
Das U-Boot is an open source boot monitor available for a wide range of embedded
processors architectures. A boot monitor is a small piece of software that executes after
powering up an embedded system. It can be used to achieve the following objectives:
●
Monitor the system for develop/debug purpose
●
Boot an OS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com