Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 65 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 61Page - STMicroelectronics UM0851 Datasheet HTML 62Page - STMicroelectronics UM0851 Datasheet HTML 63Page - STMicroelectronics UM0851 Datasheet HTML 64Page - STMicroelectronics UM0851 Datasheet HTML 65Page - STMicroelectronics UM0851 Datasheet HTML 66Page - STMicroelectronics UM0851 Datasheet HTML 67Page - STMicroelectronics UM0851 Datasheet HTML 68Page - STMicroelectronics UM0851 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
65/245
USB human interface device (HID) class
The USB HID class describes human interface devices such as keyboard and mice.
●
USB mouse
Compile and then boot up the kernel with the options relevant to the USB mouse
enabled. The options are covered in the configuration section below.
Plug in the USB mouse. You can then see print output messages that are similar to the
following:
$ hub 1-0:1.0: over-current change on prot 1
usb 3-1:new low speed USB device using spear-ohci and address 3
usb-3.1: configuration #1 chosen from 1 choice
input: USB Optical Mouse as /class/input/input2
input: USB HID v1.11 Mouse[USB Optical Mouse] on usb-spear-ohci.0-1
/* Type in the following command to check if device has been recognized.*/
$ cat /proc/bus/usb/devices
T:
Bus=03 Lev=01 Prnt=01 Port=00 Cnt=01 Dev#=
3 Spd=1.5 MxCh= 0
D:
Ver= 2.00 Cls=00(>ifc ) Sub=00 Prot=00 MxPS= 8 #Cfgs=
1
P:
Vendor=0461 ProdID=4d15 Rev= 2.00
S:
Product=USB Optical Mouse
C:* #Ifs= 1 Cfg#= 1 Atr=a0 MxPwr=100mA
I:* If#= 0 Alt= 0 #EPs= 1 Cls=03(HID
) Sub=01 Prot=02 Driver=usbhid
E:
Ad=81(I) Atr=03(Int.) MxPS=
4 Ivl=10ms
●
USB keyboard
Compile and then boot up the kernel with the options relevant to the USB keyboard
enabled. The options are covered in the configuration section below.
Plug in the USB keyboard. You can then see print output messages that are similar to
the following:
$ hub 1-0:1.0: over-current change on prot 1
usb 3-1:new full speed USB device using spear-ohci and address 4
usb-3.1: configuration #1 chosen from 1 choice
input: Dell Dell Smart Card Reader Keyboard as /class/input/input3
input: USB HID v1.11 Keyboard [Dell Dell Smart Card Reader Keyoard] on usb-
spear-ohci.0-1
$cat /proc/bus/usb/devices
T:
Bus=03 Lev=01 Prnt=01 Port=00 Cnt=01 Dev#=
4 Spd=12
MxCh= 0
D:
Ver= 2.00 Cls=00(>ifc ) Sub=00 Prot=00 MxPS= 8 #Cfgs=
1
P:
Vendor=413c ProdID=2101 Rev= 1.00
S:
Manufacturer=Dell
S:
Product=Dell Smart Card Reader Keyboard
C:* #Ifs= 2 Cfg#= 1 Atr=a0 MxPwr=100mA
I:* If#= 0 Alt= 0 #EPs= 1 Cls=03(HID
) Sub=01 Prot=01 Driver=usbhid
E:
Ad=81(I) Atr=03(Int.) MxPS=
8 Ivl=24ms
I:* If#= 1 Alt= 0 #EPs= 3 Cls=0b(scard) Sub=00 Prot=00 Driver=(none)
E:
Ad=02(O) Atr=02(Bulk) MxPS=
64 Ivl=0ms
E:
Ad=82(I) Atr=02(Bulk) MxPS=
64 Ivl=0ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com