Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 14Page - STMicroelectronics UM0851 Datasheet HTML 15Page - STMicroelectronics UM0851 Datasheet HTML 16Page - STMicroelectronics UM0851 Datasheet HTML 17Page - STMicroelectronics UM0851 Datasheet HTML 18Page - STMicroelectronics UM0851 Datasheet HTML 19Page - STMicroelectronics UM0851 Datasheet HTML 20Page - STMicroelectronics UM0851 Datasheet HTML 21Page - STMicroelectronics UM0851 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 245 page
background image
Boot loader overview
UM0851
18/245
Doc ID 16604 Rev 2
Persistent storage commands
This section describes the U-Boot commands used to access non-volatile storage.
mtest
Simple RAM test
mtest 0x1600000 0x1610000 0xff
Mw
Memory write fill
mw.l 0x1600000 0x55aa55aa 0x100
Nm
Memory modify (constant address)
nm 0x1600000
01600000: 00000000 ? abcdabcd
01600000: abcdabcd ? 12345678
01600000: 12345678 ? 87654321
cmp
Memory compare
cmp.b 0x1300000 0x1600000
0x200000
Cp
Memory copy
cp.b 0x1300000 0x1600000
0x300000
Itest
Return true/false on integer compare
loop
Infinite loop on address range
loop 0x1300000 0x10000
Table 3.
Persistent storage U-Boot commands (I2C, NOR, NAND)
Command
Behavior
Example
erase
Erase Flash memory
erase 0xf8000000 +0x10000
erase 1:0-3
flinfo
Print Flash memory information
i2c
I2C subsystem commands
i2c md 0x50 0x0
0000: 14 15 16 17 18 19 1a 1b 1c
1d 1e 1f 20 21 22 23
............ !"#
iminfo
Print header information for application
image
iminfo 0xf8000000
## Checking Image at f8000000
...
Image Name:
XLoader
Image Type:
ARM Linux
Kernel Image (uncompressed)
Data Size:
4472 Bytes =
4.4 kB
Load Address: d2800b00
Entry Point:
d2800b00
Verifying Checksum ... OK
imls
List all images found in NAND/NOR
Flash
nand
NAND command subsystem
nand read.jffs2 0x1300000 0x0
0x10000
nboot
Boot from NAND device
nboot.jffs2 0x1300000 0 0x60000
for the image to boot
automatically, an environment
variable “autostart” is to be
set to “yes”
Table 2.
Memory U-Boot commands (continued)
Command
Behavior
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com