Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 17Page - STMicroelectronics UM0851 Datasheet HTML 18Page - STMicroelectronics UM0851 Datasheet HTML 19Page - STMicroelectronics UM0851 Datasheet HTML 20Page - STMicroelectronics UM0851 Datasheet HTML 21Page - STMicroelectronics UM0851 Datasheet HTML 22Page - STMicroelectronics UM0851 Datasheet HTML 23Page - STMicroelectronics UM0851 Datasheet HTML 24Page - STMicroelectronics UM0851 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 245 page
background image
UM0851
Boot loader overview
Doc ID 16604 Rev 2
21/245
Miscellaneous commands
1.2.5
Booting Linux with U-Boot
This section describes how to configure U-Boot in order to achieve different booting
schemes. For example, in some environments it might be required to have a completely
standalone board, while during development phase it is recommended to boot from network
and to mount RootFS through NFS.
The Linux kernel accepts a command line that can be used to pass arguments to the kernel
and to overwrite statically built-in values. In this way the you can change parameters without
the need to rebuild the kernel. Please refer to the Linux kernel source tree file
'Linux/Documentation/kernel-parameters.txt' for a complete listing of all the supported
kernel arguments.
Das U-Boot stores the argument list in the environment variable bootargs. The syntax is a
sequence of items in the form key=value, where key is a well known argument defined by
the kernel. The following list contains the most common arguments:
●
mem=nn
This argument forces the usage of a specific amount of memory. This can be the total size of
the available memory or just a subset of it. Linux will make use of this specific amount,
leaving the rest to different purposes (like a 2nd OS).
setenv bootargs "mem=128M
…"
●
console=
Output console device and options.
setenv bootargs "console=ttyS0
…"
●
initrd=
This argument specifies the location of the initial ramdisk (if a ramdisk is used).
Table 8.
Miscellaneous U-Boot commands
Command
Behavior
Example
reset
Resets the CPU
crc32
Crc32 checksum calculation
crc32 0x1300000 0x10000
echo
Echo args to console
echo abcd
abcd
echo $(bootdelay)
1
setfreq
Change ddr/cpu frequency
This command actually assumes that
CPU is running on PLL1 and DDR on
PLL2. So, effectively, this command
changes PLL1/2 frequency
setfreq cpu 300
CPU frequency changed to 300
(This changes the PLL1 frequency
to 300 MHz)
setfreq ddr 300
DDR frequency changed to 300
(This changes the PLL1 frequency
to 300 MHz)
sleep
Delay execution for some time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com