Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 33Page - STMicroelectronics UM0851 Datasheet HTML 34Page - STMicroelectronics UM0851 Datasheet HTML 35Page - STMicroelectronics UM0851 Datasheet HTML 36Page - STMicroelectronics UM0851 Datasheet HTML 37Page - STMicroelectronics UM0851 Datasheet HTML 38Page - STMicroelectronics UM0851 Datasheet HTML 39Page - STMicroelectronics UM0851 Datasheet HTML 40Page - STMicroelectronics UM0851 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 245 page
background image
UM0851
Platform section
Doc ID 16604 Rev 2
37/245
kernel stack of the process which was interrupted), reads LR and SPSR from a temporary
IRQ stack and saves them on the SVC mode stack. It increments the preempt count and
calls get_irqnr_and_base() to find out the IRQ line number.
The SPEAr architecture provides the get_irqnr_and_base (arch/arm/mach-
spearxxx/include/mach/entry-macro.S) function to query the interrupt controller to find out
which IRQ line raised this interrupt.
After this, __irq_svc() calls asm_do_IRQ() which in turn calls the IRQ handler (the interrupt
handler that you registered through request_irq ( )) or a default IRQ handler registered by
default during boot time.
After the completion of these actions, the IRQ line for which the interrupt was raised is
unmasked and do_level_irq() returns. After this interrupt handling is complete __irq_svc ()
restores the state of the interrupted process.
So now the IRQ infrastructure is in place, and various modules can register their IRQ
handlers through request_irq(). When you call request_irq( ), the kernel appends your IRQ
handler to the list of all the IRQ handlers registered for that particular IRQ line. It does not
change the exception vector table.
As described above, the Linux implementation for interrupt handling is not a vectored
approach, hence it does not utilize the vector interrupt capabilities provided by the VIC
hardware.
3.2.5
VIC usage
The current implementation in Linux does not allow the exploitation of the complete
capabilities of the VIC. Within the current capabilities that have been added in the Linux,
you can use the VIC in the following ways.
If a driver needs to register a specific interrupt handler, the following call is provided by
Linux:
/*The following functions declared in <linux/interrupt.h> implement the interrupt
registration interface and is use to register the interrupt handler.*/
int request_irq(unsigned int irq, irqreturn_t (*handler)( ), unsigned long flags,
const char
*dev_name, void *dev_id);
/* The details of the above fields are as follow:
irq: interrupt number being requested
(*handler)(): pointer to the handler being installed
in driver.
flags: Options related to interrupt management.
*dev_name: string passed here is used in /proc/interrupts to show the owner of
interrupts
*dev_id: Pointer used for shared interrupt lines
*/
/* The function below is use to unregister the interrupt handler. */
void free_irq(unsigned int irq, void *dev_id);
To check for the interrupt sources being used in the system, type in the following command.
$cat
/proc/interrupts
CPU0
16:
3903
spear-vic
gp_timer
18:
0
spear-vic
<NULL>
20:
0
spear-vic
spear-jpeg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com