Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 85 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 81Page - STMicroelectronics UM0851 Datasheet HTML 82Page - STMicroelectronics UM0851 Datasheet HTML 83Page - STMicroelectronics UM0851 Datasheet HTML 84Page - STMicroelectronics UM0851 Datasheet HTML 85Page - STMicroelectronics UM0851 Datasheet HTML 86Page - STMicroelectronics UM0851 Datasheet HTML 87Page - STMicroelectronics UM0851 Datasheet HTML 88Page - STMicroelectronics UM0851 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
85/245
●
Test method
Build kernel with i2c support as module. After booting the SPEAr board insert i2c module
with different clock speeds (100,400 KHz):
insmod spr_i2c_syn.ko clock=100
insmod spr_i2c_syn.ko clock=400
Perform the measurement in this way:
time dd if=/dev/zero of=/dev/i2c-0 bs=16 count=1
time dd if=/dev/i2c-0 of=/dev/null bs=16 count=1
Note:
As per I2C slave device limitation (the EEPROM) bs must be maximum 16.
●
Test results
4.5.6
Known issues or limitations
●
10-bit addressing is not supported
●
Data transfer is supported only in interrupt mode. DMA mode is not supported by the
current driver.
Table 26.
I2C at clock speed=100
Size in
Bytes
Write
(time in sec)
Throughput
(kbps)
Size in
Bytes
Read
(time in sec)
Throughput
(kbps)
16
0.01
12.8
16
0.01
12.8
16
0.01
12.8
64
0.01
51.2
16
0.01
12.8
128
0.02
51.2
16
0.01
12.8
196
0.03
52.26666667
16
0.01
12.8
255
0.03
68
Table 27.
I2C at clock speed=400
Size in
Bytes
Write
(time in sec)
Throughput
(kbps)
Size in
Bytes
Read
(time in sec)
Throughput
(kbps)
16
0.005
25.6
16
0.005
25.6
16
0.005
25.6
64
0.01
51.2
16
0.005
25.6
128
0.01
102.4
16
0.005
25.6
196
0.01
156.8
16
0.005
25.6
255
0.02
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com