Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 31Page - STMicroelectronics UM0851 Datasheet HTML 32Page - STMicroelectronics UM0851 Datasheet HTML 33Page - STMicroelectronics UM0851 Datasheet HTML 34Page - STMicroelectronics UM0851 Datasheet HTML 35Page - STMicroelectronics UM0851 Datasheet HTML 36Page - STMicroelectronics UM0851 Datasheet HTML 37Page - STMicroelectronics UM0851 Datasheet HTML 38Page - STMicroelectronics UM0851 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 245 page
background image
UM0851
Platform section
Doc ID 16604 Rev 2
35/245
High level IRQ flow handlers
The generic layer provides a set of pre-defined IRQ-flow methods:
●
handle_level_irq(): provides a generic implementation for level-triggered interrupts
●
handle_edge_irq(): provides a generic implementation for edge-triggered interrupts
●
handle_simple_irq(): provides a generic implementation for simple interrupts. The
simple flow handler does not call any handler/chip primitives
●
handle_percpu_irq(): provides a generic implementation for per CPU interrupts. Per
CPU interrupts are only available on SMP and the handler provides a simplified version
without locking.
The interrupt flow handlers (either predefined or architecture-specific) are assigned to
specific interrupts by the architecture either during the boot up or during the device
initialization.
In the SPEAr architecture, at boot up time, the architecture specific code sets up the
handle_level_irq flow method as the default for all the VIC interrupts. This is done in
<arch/arm/mach-spearxxx/irq.c>. Below is a part of the code captured from the SPEAr300
architecture-related initialization code for VIC.
void __init spear3xx_init_irq(void)
{
unsigned int i;
do_init_irq(1);
for (i = IRQ_VIC_START; i <= IRQ_VIC_END; i++)
{
set_irq_chip(i, &vic_chip);
set_irq_handler(i, handle_level_irq);
set_irq_flags(i, IRQF_VALID | IRQF_PROBE);
}
}
Chip level hardware encapsulation
The chip level hardware descriptor structure structs irq_chip contains all the direct chip
relevant functions, which can be utilized by the IRQ flow implementations.
●
ack()
●
mask_ack() - optional, recommended for performance
●
mask()
●
unmask()
●
retrigger() - optional
●
set_type() - optional
●
set_wake() - optional
These primitives mean exactly what their name says: ack means ACK, masking means
masking of an IRQ line, etc. It is up to the flow handler(s) to use these basic units of low-
level functionality.
struct irq_chip is a hardware interrupt chip descriptor described below:
struct irq_chip {
const char*name;
unsigned int(*startup)(unsigned int irq);
void
(*shutdown)(unsigned int irq);
void
(*enable)(unsigned int irq);
void
(*disable)(unsigned int irq);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com