Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 26Page - STMicroelectronics UM0851 Datasheet HTML 27Page - STMicroelectronics UM0851 Datasheet HTML 28Page - STMicroelectronics UM0851 Datasheet HTML 29Page - STMicroelectronics UM0851 Datasheet HTML 30Page - STMicroelectronics UM0851 Datasheet HTML 31Page - STMicroelectronics UM0851 Datasheet HTML 32Page - STMicroelectronics UM0851 Datasheet HTML 33Page - STMicroelectronics UM0851 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 245 page
background image
Platform section
UM0851
30/245
Doc ID 16604 Rev 2
static struct spear_timer *gpt;
u32 tick_rate;
gpt = spear_timer_request_specific(2);
BUG_ON(gpt == NULL);
spear_timer_set_source(gpt, SPEAR_TIMER_SRC_SYS_CLK);
/* initialize other fields ot clocksource structure */
...
/* load the counter, start timer */
spear_timer_set_load_start(gpt, 1, 0xFFFF);
/* register the clocksource */
clocksource_register (&clocksource_gpt);
}
Clock event
This entity is used by the kernel to program the next tick event. Normally this happens every
10 msec (CLOCK_EVT_MODE_PERIODIC). In tickless and high resolution timers, it can be
used by the kernel to program the tick at the next suitable interval (even if it is longer than
than 10 msec). For that it uses two callbacks, set_mode() and set_next_event().
static struct clock_event_device clockevent_gpt = {
.name
= "clock_event",
.features
= CLOCK_EVT_FEAT_PERIODIC | CLOCK_EVT_FEAT_ONESHOT,
.set_mode
= clockevent_set_mode,
.set_next_event= clockevent_next_event,
.shift
= 32,
};
static void clockevent_set_mode(enum clock_event_mode mode,
struct clock_event_device* clk_event_dev )
{
u32 period;
spear_timer_stop(clk_event_tmr);
/* clear interrupt */
spear_timer_write_status(clk_event_tmr, GPT_STATUS_MATCH);
switch(mode) {
case CLOCK_EVT_MODE_PERIODIC:
/* calculate period for 10 msec timer */
...
/* program timer for 10 msec tic Enable interrupt */
spear_timer_set_match(clk_event_tmr, 1);
spear_timer_set_load_start(clk_event_tmr, 1, period);
break;
case CLOCK_EVT_MODE_ONESHOT:
/*
* timer to be programmed for one shot, the actual programming
* period to be passed in program next event function
*/
break;
case CLOCK_EVT_MODE_UNUSED:
case CLOCK_EVT_MODE_SHUTDOWN:
case CLOCK_EVT_MODE_RESUME:
break;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com