Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 102 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 98Page - STMicroelectronics UM0851 Datasheet HTML 99Page - STMicroelectronics UM0851 Datasheet HTML 100Page - STMicroelectronics UM0851 Datasheet HTML 101Page - STMicroelectronics UM0851 Datasheet HTML 102Page - STMicroelectronics UM0851 Datasheet HTML 103Page - STMicroelectronics UM0851 Datasheet HTML 104Page - STMicroelectronics UM0851 Datasheet HTML 105Page - STMicroelectronics UM0851 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 245 page
background image
Communication device drivers
UM0851
102/245
Doc ID 16604 Rev 2
/* Set the baud rate to 115200 baud */
cfsetispeed (&termios, B115200); /* Set the terminal output baud rate */
cfsetospeed (&termios, B115200); /* Set the terminal input baud rate */
/* TCSETS and the struct termios sets all the current termios parameters. */
ioctl (fd, TCSETS, &termios);
Getting the control signals
The TIOCMGET ioctl() gets the current "MODEM" status bits, which consist of all of the RS-
232 signal lines except RXD and TXD, listed in Table 33.
To get the status bits, call ioctl() with a pointer to an integer to hold the bits.
Getting the MODEM status bits
int fd;
int status;
ioctl(fd, TIOCMGET, &status);
Setting the control signals
The TIOCMSET ioctl sets the modem status bits defined above. To drop the DTR signal you
can use the code listed below:
int fd;
int status;
ioctl(fd, TIOCMGET, &status);
status &= ~TIOCM_DTR;
ioctl(fd, TIOCMSET, &status);
The bits that can be set depend on the operating system, driver, and modes in use.
Writing data to a port
When data is to be sent to the hardware, the write function is called. This function returns
the number of characters that are actually written to the device.
Table 33.
Control signal constants
Constant
Description
TIOCM_LE
DSR (data set ready/line enable)
TIOCM_DTR
DTR (data terminal ready)
TIOCM_RTS
RTS (request to send)
TIOCM_ST
Secondary TXD (transmit)
TIOCM_SR
Secondary RXD (receive)
TIOCM_CTS
CTS (clear to send)
TIOCM_CAR
DCD (data carrier detect)
TIOCM_CD
Synonym for TIOCM_CAR
TIOCM_RNG
RNG (ring)
TIOCM_RI
Synonym for TIOCM_RNG
TIOCM_DSR
DSR (data set ready)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com