Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 124 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 120Page - STMicroelectronics UM0851 Datasheet HTML 121Page - STMicroelectronics UM0851 Datasheet HTML 122Page - STMicroelectronics UM0851 Datasheet HTML 123Page - STMicroelectronics UM0851 Datasheet HTML 124Page - STMicroelectronics UM0851 Datasheet HTML 125Page - STMicroelectronics UM0851 Datasheet HTML 126Page - STMicroelectronics UM0851 Datasheet HTML 127Page - STMicroelectronics UM0851 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 245 page
background image
Non-volatile memory device drivers
UM0851
124/245
Doc ID 16604 Rev 2
Figure 31.
Interface between FSMC and NAND Flash
5.1.2
Software overview
The NAND device driver sits on top of the FSMC and provides all the necessary functions
for a file system via the standard Linux MTD interface. NAND device driver controls the
functionality of FSMC by using the API of FSMC driver.
Figure 32.
NAND software system architecture
Once started, the NAND device driver scans for the available NAND chips and if a chip is
found and matches to its list of devices, the device driver configure it. After the initial
configuration, the NAND Flash information regarding the NAND Flash is exported to the
MTD layer and the Flash is ready to be used by the file system.
FSMC
AHB
NAND Flash
AHB
Interface
Chip Select
Data,
Address,
Control
Bus
FSMC Wait
Ready/Busy
NOR driver
NAND driver
Linux MTD layer
YAFFS2
JFFS2
VFS
FSMC
SMI
controller
Application
User space
Kernel space
Hardware
NAND
Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com