Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 8Page - STMicroelectronics UM1547 Datasheet HTML 9Page - STMicroelectronics UM1547 Datasheet HTML 10Page - STMicroelectronics UM1547 Datasheet HTML 11Page - STMicroelectronics UM1547 Datasheet HTML 12Page - STMicroelectronics UM1547 Datasheet HTML 13Page - STMicroelectronics UM1547 Datasheet HTML 14Page - STMicroelectronics UM1547 Datasheet HTML 15Page - STMicroelectronics UM1547 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
AT command list
UM1547
12/51
DocID023232 Rev 5
3.1
AutoReconnect
The AutoReconnect command is used to automatically reconnect by both SPP and IAP
profiles. The 1st device in the pairing table will be used for the reconnection target. When
the pairing table is deleted, Auto Reconnect will be disabled as well. The reconnect function
may be turned on or off with this command. It will not affect the settings. This setting is NOT
saved in NVM.
3.1.1
Syntax
At+ab AutoReconnect [enable/disable]
Where [Enable/Disable] is an “e” or “E” character to enable this parameter and a “d” or “D”
character to disable it.
3.1.2
Responses
If the change is accepted, the response is:
AT-AB AutoReconnectDone Enabled or AT-AB AutoReconnectDone Disabled
3.2
AutoReconnectSetup (Beta version)
The AutoReconnectSetup command is used to configure the AutoReconnect feature.
3.2.1
Syntax
At+ab AutoReconnectSetup [interval in seconds]
Interval: the time, in seconds, between attempts; 3-100, +/- 5
The target device is the first entry in the pairing table. Reconnections will continue after
every interval, until the feature is disabled or deleted.
This setting is saved in NVM.
3.2.2
Responses
If the operation is successful, the response is:
AT-AB AutoReconnectSetupDone
3.3
Bond
The Bond command is used to initiate bonding with a specified device. A personal
identification number (PIN) is also required with this command. The bond table contains up
to 5 devices. Note: the 6th device will overwrite the oldest one.
3.3.1
Syntax
AT+AB Bond [BD Addr] [PIN]
Where [BD addr] is the BD address of the remote device with which to bond and [PIN] is the
PIN code to use (up to 16 characters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com