Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 40Page - STMicroelectronics UM1547 Datasheet HTML 41Page - STMicroelectronics UM1547 Datasheet HTML 42Page - STMicroelectronics UM1547 Datasheet HTML 43Page - STMicroelectronics UM1547 Datasheet HTML 44Page - STMicroelectronics UM1547 Datasheet HTML 45Page - STMicroelectronics UM1547 Datasheet HTML 46Page - STMicroelectronics UM1547 Datasheet HTML 47Page - STMicroelectronics UM1547 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
FW configuration variables
UM1547
44/51
DocID023232 Rev 5
Var58
OutMtuSize
427
Mtu size for outgoing packets for iAP (from 150
to 500 bytes).
InMtu and OutMtu must match each other
Var59
AccName
Amped-Test
Apple accessory name field. Up to 20 characters
are allowed. See Apple MFI documentation for
further details.
Var60
AccManufacturer
Amped RF
Apple accessory manufacturer field. Up to 20
characters are allowed. See Apple MFI
documentation for further details.
Var61
AccModelNumber
Test-Model
Apple accessory model number field. Up to 20
characters are allowed. See Apple MFI
documentation for further details.
Var62
AccSerialNumber
Amp’ed Up
Apple accessory serial number field. Up to 20
characters are allowed. See Apple MFI
documentation for further details.
Var63
EnableSPPRcv
False
Enable or disable data receiving from remote
SPP devices, while in CommandMode
Var64
EnableIAPRcv
False
Enable or disable data receiving from remote IAP
devices, while in CommandMode
Table 12. AT2 FW version 1.6 system configuration settings - version 1.5 (continued)
Variable
Name
Default
Description
Table 13. AT2 FW version 1.6 system configuration settings - version 1.5A
Variable
Name
Default
Description
Var01
BuildVersion
141115C IDPS
Data code software was build (read only)
Var03
BD_ADDR
0080e1fe54g3
Bluetooth device address (read-only).
Var04
DeviceName
SPBTmod
Code used for secure connection. Up to 20
characters are allowed (case sensitive).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com