Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 36Page - STMicroelectronics UM1547 Datasheet HTML 37Page - STMicroelectronics UM1547 Datasheet HTML 38Page - STMicroelectronics UM1547 Datasheet HTML 39Page - STMicroelectronics UM1547 Datasheet HTML 40Page - STMicroelectronics UM1547 Datasheet HTML 41Page - STMicroelectronics UM1547 Datasheet HTML 42Page - STMicroelectronics UM1547 Datasheet HTML 43Page - STMicroelectronics UM1547 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
FW configuration variables
UM1547
40/51
DocID023232 Rev 5
A.3
AT2 FW version 1.6
Var55
MITMEvent
False
Sends pairing passkey to the main UART. User
must input: at+ab passkeyaccept, in order to
complete pairing.
Var56
AltCPGPIO
False
Alternate Apple CP pins (GPIO 5 = SDA and
GPIO 6 = SCL) are used when true, instead of
RTS/CTS control lines.
Var57
AccName
Amped-Test
Apple accessory name field. Up to 20
characters are allowed. See Apple MFI
documentation for further details.
Var58
AccManufacturer
Amped RF
Apple accessory manufacturer field. Up to 20
characters are allowed. See Apple MFI
documentation for further details.
Var59
AccModelNumber
Test-Model
Apple accessory model number field. Up to 20
characters are allowed. See Apple MFI
documentation for further details.
Var60
AccSerialNumber
Amp’ed Up
Apple accessory serial number field. Up to 20
characters are allowed. See Apple MFI
documentation for further details.
Table 11. AT2 FW version 1.3 system configuration settings - version 1.5 (continued)
Variable
Name
Default
Description
Table 12. AT2 FW version 1.6 system configuration settings - version 1.5
Variable
Name
Default
Description
Var01
BuildVersion
140124C IDPS
Data code software was build (read only)
Var03
BD_ADDR
0080e1fe54g3
Bluetooth device address (read-only).
Var04
DeviceName
Amp’ed Up!
Code used for secure connection. Up to 20
characters are allowed (case sensitive).
Var05
StreamingSerial
True
When true, hardware RTS/CTS flow control is
disabled and data not able to be transmitted
over the link will be discarded. When false,
RST/CTS flow control is enabled.
Var06
PIN
1234
Code used for pairing. Up to 16 characters are
allowed (case sensitive).
Var07
UartBaudrate
115200
Main UART baud rate: 1200 to 2Mbaud.
Var08
UartParity
None
Main UART parity. None/Even/Odd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com