Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 16Page - STMicroelectronics UM1547 Datasheet HTML 17Page - STMicroelectronics UM1547 Datasheet HTML 18Page - STMicroelectronics UM1547 Datasheet HTML 19Page - STMicroelectronics UM1547 Datasheet HTML 20Page - STMicroelectronics UM1547 Datasheet HTML 21Page - STMicroelectronics UM1547 Datasheet HTML 22Page - STMicroelectronics UM1547 Datasheet HTML 23Page - STMicroelectronics UM1547 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
AT command list
UM1547
20/51
DocID023232 Rev 5
3.18.1
Syntax
AT+AB ExitSniff [BD address]
Where [BD address] is the BD address of the device to be switched to active mode.
3.18.2
Responses
If the operation is successful, the response is:
AT-AB ActiveMode
3.19
GetBDAddress
The GetBDAddress command is used to read the local device's Bluetooth device address or
MAC address.
3.19.1
Syntax
AT+AB GetBDAddress
3.19.2
Responses
If the operation is successful, the response is:
AT-AB BD_ADDR = [BD address]
3.20
GPIOConfig
The GPIOConfig command is used to configure a GPIO pin to input or output.
3.20.1
Syntax
AT+AB GPIOConfig [GPIO Pin] [Configuration]
where [GPIO Pin] is the pin number of the desired GPIO to configure. The GPIO numbering
depends on the specific HW used.
[Configuration] is “i” or “I” for input and “o” or “O” for output.
3.20.2
Responses
If the operation is successful, the response is:
AT-AB GPIOConfigDone
3.21
GPIORead
The GPIORead command is used to read a GPIO pin. A GPIO may be read while
configured as either an input or output.
3.21.1
Syntax
AT+AB GPIORead [GPIO Pin]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com